Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT27 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HCT27
Description  TRIPLE 3-INPUT NOR GATE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT27 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HCT27 Datasheet HTML 1Page - STMicroelectronics M74HCT27 Datasheet HTML 2Page - STMicroelectronics M74HCT27 Datasheet HTML 3Page - STMicroelectronics M74HCT27 Datasheet HTML 4Page - STMicroelectronics M74HCT27 Datasheet HTML 5Page - STMicroelectronics M74HCT27 Datasheet HTML 6Page - STMicroelectronics M74HCT27 Datasheet HTML 7Page - STMicroelectronics M74HCT27 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
August 2001
s
HIGH SPEED:
tPD = 12 ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 1µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS :
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 27
DESCRIPTION
The M74HCT27 is an high speed CMOS TRIPLE
3-INPUT NOR GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which enables high noise
immunity and stable output.
The M74HCT27 is designed to directly interface
HSC2MOS
systems
with
TTL
and
NMOS
components.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HCT27
TRIPLE 3-INPUT NOR GATE
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HCT27B1R
SOP
M74HCT27M1R
M74HCT27RM13TR
TSSOP
M74HCT27TTR
TSSOP
DIP
SOP


Similar Part No. - M74HCT27

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT27 STMICROELECTRONICS-M74HCT27 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NOR GATE
Feb-1993
M74HCT273 STMICROELECTRONICS-M74HCT273 Datasheet
244Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Feb-1993
M74HCT273 STMICROELECTRONICS-M74HCT273 Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
M74HCT273B1R STMICROELECTRONICS-M74HCT273B1R Datasheet
244Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Feb-1993
M74HCT273B1R STMICROELECTRONICS-M74HCT273B1R Datasheet
267Kb / 10P
OCTAL D TYPE FLIP FLOP WITH CLEAR
Aug-2001
More results

Similar Description - M74HCT27

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
TRIPLE 3-INPUT NOR GATE
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
STMicroelectronics
74VHC27 STMICROELECTRONICS-74VHC27_04 Datasheet
199Kb / 10P
TRIPLE 3-INPUT NOR GATE
12-Nov-2004
logo
IK Semicon Co., Ltd
IN74HC27A IKSEMICON-IN74HC27A Datasheet
183Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com