Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTQ418 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTQ418
Description  surface-acoustic-wave (SAW) resonator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTQ418 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTQ418 Datasheet HTML 1Page - Advanced Crystal Technology ACTQ418 Datasheet HTML 2Page - Advanced Crystal Technology ACTQ418 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
The ACTQ418/418.0/TO39 is a two-port, 180° surface-acoustic-wave (SAW) resonator in a
low-profile metal TO-39 case. It provides reliable, fundamental-mode, quartz frequency stabilization
i.e. in transmitters or local oscillators operating at 418.000 MHz.
1.Package Dimension (TO-39)
2.
3.Equivalent LC Model and Test Circuit
4.Typical Application Circuits
1) Low-Power Transmitter Application
2) Local Oscillator Application
Pin
Configuration
1
Input / Output
2
Output / Input
3
Case Ground
Dimension
Data (unit: mm)
A
9.30±0.20
B
5.08±0.10
C
3.40±0.20
D
3±0.20
⁄ 5±0.20
E
0.45±0.20
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTQ418

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTQ403 ACT-ACTQ403 Datasheet
64Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ403/403.55/TO39 ACT-ACTQ403/403.55/TO39 Datasheet
64Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ420 ACT-ACTQ420 Datasheet
63Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ420/315.0/QCC8C ACT-ACTQ420/315.0/QCC8C Datasheet
63Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ433 ACT-ACTQ433 Datasheet
63Kb / 3P
two-port, 180째 surface-acoustic-wave (SAW) resonator
SEPT 04
More results

Similar Description - ACTQ418

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTQ868.3D ACT-ACTQ868.3D Datasheet
70Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0015 ACT-ACTQ0015 Datasheet
67Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ0016 ACT-ACTQ0016 Datasheet
65Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ380 ACT-ACTQ380 Datasheet
63Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ384 ACT-ACTQ384 Datasheet
60Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434 Datasheet
62Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ434 ACT-ACTQ434_1 Datasheet
64Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ530 ACT-ACTQ530 Datasheet
59Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTQ550 ACT-ACTQ550 Datasheet
65Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
ACTR0010 ACT-ACTR0010 Datasheet
56Kb / 3P
surface-acoustic-wave (SAW) resonator
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com