Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BWLM Datasheet(PDF) 53 Page - ams-OSRAM AG

Part # AS3953A-BWLM
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BWLM Datasheet(HTML) 53 Page - ams-OSRAM AG

Back Button AS3953A-BWLM Datasheet HTML 49Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 50Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 51Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 52Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 53Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 54Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 55Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 56Page - ams-OSRAM AG AS3953A-BWLM Datasheet HTML 57Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
Page 52
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Figure 59:
RATS Register
Notes:
1. At power-up and after Set Default, content of this register is set to ‘0’.
2. The RATS Register is used only in ISO 14443A-4 Protocol mode. It contains information sent by PCD in RATS command. The register
informs the controller about maximum frame size that the PCD can handle and the attributed CID number.
Address# 05h: RATS
Type: R
Bit
Name
Function
Comments
7fsdi3
RATS FSDI bits
Displays maximum frame size that
PCD can handle (set by PCD in
RATS command)
6fsdi2
5fsdi1
4fsdi0
3cid3
RATS CID bits
Displays attributed CID number
(set by PCD in RATS command)
2cid2
1cid1
0cid0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com