Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7038RB-COLT Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # AS7038RB-COLT
Description  Biosensor Solution with Embedded ECG Channel
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7038RB-COLT Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button AS7038RB-COLT Datasheet HTML 28Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 29Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 30Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 31Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 32Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 33Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 34Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 35Page - ams-OSRAM AG AS7038RB-COLT Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 127 page
background image
Document Feedback
AS7038RB
Functional Description
Datasheet
• PUBLIC
DS000726
• v2-00 • 2021-Jun-02
126
│ 31
Addr: 0x2d
LED34_MODE
Bit
Bit Name
Default
Access
Bit Description
3
man_sw_led3
0
RW
Function enabled only in manual mode
0: LED output D3 disabled. (High impedance)
1: LED output D3 enable
2:0
led3_mode
0
RW
LED3 mode
Settings
Behavior
000
Always OFF
001
Always ON when sequencer is active
010
Controlled by sequencer
011
Controlled by sequencer, only ON in
even iterations: 0, 2, 4 etc.
100
Controlled by sequencer, only ON in
odd iterations: 1, 3, 5 etc.
101
Controlled by sequencer, only ON in
every fourth iteration, starting at 1: 1,
5, 9 etc.
110
Controlled by sequencer: secondary
LED timing
111
Do not use
The MAN_SEQ_CFG register is used to configure the operation of the optical front end
MAN_SEQ_CFG Register (Address 0x2e)
Figure 23:
MAN_SEQ_CFG Register
Addr: 0x2e
MAN_SEQ_CFG
Bit
Bit Name
Default
Access
Bit Description
7
man_mode
0
RW
0: Enables sequencer
1: Enables manual control of optical front end
6
man_sw_sd
mult
0
RW
If man_mode=1
0: Disables synchronous demodulator multiplication
1: Enables synchronous demodulator multiplication
5
man_sw_sd
pol
0
RW
If man_mode=1
0: Negative polarity in synchronous demodulator
multiplication
1: Positive polarity in synchronous demodulator
multiplication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com