Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953A-BSDF Datasheet(PDF) 31 Page - ams-OSRAM AG

Part # AS3953A-BSDF
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A-BSDF Datasheet(HTML) 31 Page - ams-OSRAM AG

Back Button AS3953A-BSDF Datasheet HTML 27Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 28Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 29Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 30Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 31Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 32Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 33Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 34Page - ams-OSRAM AG AS3953A-BSDF Datasheet HTML 35Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
Page 30
ams Datasheet
Document Feedback
[v1-05] 2019-Feb-15
AS3953A − Detailed Description
Configuration Word
The Configuration word is used to define the AS3953A
operating options. It is delivered by ams with default setting.
Figure 36:
Configuration Word (Bits 31 to 16)
Notes:
1. Configuration bits b31 to b15 define AS3953A response to SAK and ATS command in ISO 14443A Protocol modes, while bits b14 to
b0 actually change performance.
2. Incase both nl4 and nfc are set, the nl4 setting prevails.
Configuration
Bit
Name
Default
Function
b31
fsci<3>
0
FSCI. Default value (2h) codes maximum size of frame
accepted by PICC to 32 bytes which is the size of the
FIFO. Please note that the AS3953A can support larger
frame sizes in case FIFO is read during the receiving.
b30
fsci<2>
0
b29
fsci<1>
1
b28
fsci<0>
0
b27
fwi<3>
0
FWI (default value (6h) defines frame waiting time of
~19.3ms)
b26
fwi<2>
1
b25
fwi<1>
1
b24
fwi<0>
0
b23
dr_sdr
0
1: Only the same bit rate for both directions supported
(TA(1) of ATS)
b22
dr_picc_8
0
1: DR=8 PICC-to-PCD supported (848kbit/s) (TA(1) of
ATS)
b21
dr_picc_4
0
1: DR=4 PICC-to-PCD supported (424kbit/s) (TA(1) of
ATS)
b20
dr_picc_2
0
1: DR=2 PICC-to-PCD supported (212kbit/s) (TA(1) of
ATS)
b19
dr_pcd_8
0
1: DR=8 PCD-to-PICC supported (848kbit/s) (TA(1) of
ATS)
b18
dr_pcd_4
0
1: DR=4 PCD-to-PICC supported (424kbit/s) (TA(1) of
ATS)
b17
dr_pcd_2
0
1: DR=2 PCD-to-PICC supported (212kbit/s) (TA(1) of
ATS)
b16
nl4
0
1: SAK on Cascade Level 2 reports that tag is not ISO
14443-4 compatible
b15
nfc
0
1: SAK on Cascade Level 2 reports that tag is NFC passive
target



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com