Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7057 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS7057
Description  Biosignal Converting Unit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7057 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS7057 Datasheet HTML 6Page - ams-OSRAM AG AS7057 Datasheet HTML 7Page - ams-OSRAM AG AS7057 Datasheet HTML 8Page - ams-OSRAM AG AS7057 Datasheet HTML 9Page - ams-OSRAM AG AS7057 Datasheet HTML 10Page - ams-OSRAM AG AS7057 Datasheet HTML 11Page - ams-OSRAM AG AS7057 Datasheet HTML 12Page - ams-OSRAM AG AS7057 Datasheet HTML 13Page - ams-OSRAM AG AS7057 Datasheet HTML 14Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Document Feedback
AS7057
Soldering & Storage Information
Short Datasheet
• PUBLIC
DS001053
• v1-00 • 2022-May-10
13
│ 11
7
Soldering & Storage Information
Figure 7:
Solder Reflow Profile Graph
Figure 8:
Solder Reflow Profile
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 °C/s
Soak time
tsoak
2 to 3 minutes
Time above 217 °C (T1)
t1
Max 60 s
Time above 230 °C (T2)
t2
Max 50 s
Time above Tpeak
– 10 °C (T3)
t3
Max 10 s
Peak temperature in reflow
Tpeak
260 °C
Temperature gradient in cooling
Max −5 °C/s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com