Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP-104-FASR Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # BP-104-FASR
Description  Silicon PIN Photodiode with Daylight Blocking Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BP-104-FASR Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button BP-104-FASR Datasheet HTML 9Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 10Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 11Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 12Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 13Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 14Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 15Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 16Page - ams-OSRAM AG BP-104-FASR Datasheet HTML 17Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
BP 104 FASR
16 Version 1.3 | 2018-05-30
Glossary
1)
Testing temperature: T
A = 25°C
2)
Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data
or calculated correlations of technical parameters can only reflect statistical figures. These do not nec-
essarily correspond to the actual parameters of each single product, which could differ from the typical
data and calculated correlations or the typical characteristic line. If requested, e.g. because of technical
improvements, these typ. data will be changed without any further notice.
3)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
4)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com