Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTF474S/374.0/QCC8C Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTF474S/374.0/QCC8C
Description  characteristics of SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF474S/374.0/QCC8C Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTF474S/374.0/QCC8C Datasheet HTML 1Page - Advanced Crystal Technology ACTF474S/374.0/QCC8C Datasheet HTML 2Page - Advanced Crystal Technology ACTF474S/374.0/QCC8C Datasheet HTML 3Page - Advanced Crystal Technology ACTF474S/374.0/QCC8C Datasheet HTML 4Page - Advanced Crystal Technology ACTF474S/374.0/QCC8C Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
1 OF 5
This
specification
shall
cover
the
characteristics
of
SAW
Filter
ACTF474S/374.0/QCC8C. The device is packaged in the popular QCC8C package
and has a centre frequency of 374.0MHz
1.Package Dimension (QCC8C)
2.
3. Matching network (Element values may depend on PCB layout)
50
Ω unbalanced:
Pins
Configuration
2
Input Ground
3
Input
6
Output Ground
7
Output
1,5
To be Grounded
4,8
Case Ground
Sign
Data (unit: mm)
Sign
Data (unit: mm)
A
2.08
E
1.20
B
0.60
F
1.35
C
1.27
G
5.00
D
2.54
H
5.00
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTF474S/374.0/QCC8C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACTF474 ETC1-ACTF474 Datasheet
66Kb / 3P
ACTF474
logo
Advanced Crystal Techno...
ACTF474 ACT-ACTF474 Datasheet
70Kb / 3P
the characteristics of SAW Filter
SEPT 04
ACTF474/374.0/QCC8C ACT-ACTF474/374.0/QCC8C Datasheet
70Kb / 3P
the characteristics of SAW Filter
SEPT 04
More results

Similar Description - ACTF474S/374.0/QCC8C

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTF9006 ACT-ACTF9006 Datasheet
66Kb / 3P
characteristics of SAW Filter
SEPT 04
ACTF474 ACT-ACTF474 Datasheet
70Kb / 3P
the characteristics of SAW Filter
SEPT 04
logo
Shoulder Electronics Li...
HDBF07001H64 SHOULDER-HDBF07001H64 Datasheet
107Kb / 5P
This specification shall cover the characteristics of SAW filter BF07001H64
HDBF07004B64 SHOULDER-HDBF07004B64 Datasheet
117Kb / 7P
This specification shall cover the characteristics of SAW filter BF07004B64
HDBF07006H64 SHOULDER-HDBF07006H64 Datasheet
145Kb / 7P
This specification shall cover the characteristics of SAW filter BF07006H64
HDBF08018A63 SHOULDER-HDBF08018A63 Datasheet
147Kb / 8P
This specification shall cover the characteristics of SAW filter BF08018A63
HDBF14004E63 SHOULDER-HDBF14004E63 Datasheet
129Kb / 7P
This specification shall cover the characteristics of SAW filter BF14004E63
HDBF14014B64 SHOULDER-HDBF14014B64 Datasheet
117Kb / 7P
This specification shall cover the characteristics of SAW filter BF14014B64
HDBF15610A24 SHOULDER-HDBF15610A24 Datasheet
156Kb / 7P
This specification shall cover the characteristics of SAW filter HDBF15610A24
HDF135TS24 SHOULDER-HDF135TS24 Datasheet
124Kb / 6P
This specification shall cover the characteristics of SAW filter F135T
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com