Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPLK-F Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CPLK-F
Description  Dual Function Noise Suppression Thermal Pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CPLK-F Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CPLK-F Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7
© 2024 Kitagawa GmbH
COOLPROVIDETM / CPLK
Dual Function Noise Suppression Thermal Pad
Features
CPLK’s low permittivity 14.6/1MHz has a significant effect on noise reduction.
Low-dielectric thermally conductive sheet helps to reduce noise in GHz bands, which
occurs by heat sink’s resonance phenomena.
Silicone-free generates no siloxane gas and oil bleeding.
■
■
■
Thin, permanent
PET film
Low-dielectric thermal
conductive layer
Release liner
■ Resonance Phenomena
※2
The dielectric constant of the TIM has a significant
effect on noise radiation.
Heat sink
Circuit board
Circuit board
ground layer
IC
Thermal
conductive sheet
ε
Resonance frequency is influenced by the dimensions of the heat sink,
as well as the permittivity within the resonator.
eff
■ Effects of Dielectric (measured)
1.0 GHz~1.2 GHz Magnetic field intensity in vicinity of heat sink
No
thermal conductive sheet
With CPLK-F
High
Low
※3  Relative permittivity:ε′=35
※2 ε
=Equivalent relative permittivity between a heat sink
and a ground layer of a circuit board
eff
With
thermal conductive sheet※3
※1) For usable dimensions, custom cuts, and material yield, contact
   your local sales department.
(The values below are not guaranteed.)
Company standard
JIS K 6911
compliant
JIS C
2110-1
compliant
UL94
ー
JIS C
2110-1
compliant
Company standard
ー
JIS Z 8807
JIS K 7
312
ASTM D 2240
JIS K 6251
JIS K 6251
ー
Standard
JIS R
2616
(Hot-wire method)
ISO
22007-2
(Hot Disc method)
ー
Volume Resistivity
Breakdown voltage
Withstanding voltage
Flammability
Operating temp
Available max.
dimension※1
Specific Gravity
Hardness
Tensile strength
Elongation rate
Test type
Thermal
Conductivity
Color
Thickness
Ω
・cm
kV/mm
kV/mm
ー
1MHz
℃
1MHz
mm
ー
ASKER C
Shore OO
MPa
%
Unit
W/m
・K
ー
mm
6.6
1.0×1011
3.0
V-0 equivalent
-40~125
200×500
2.0
30
60
0.39
9.1
CPLK-F
1.4
Purple
2.0
1.0/1.
5/2.0
Dielectric constant
Loss tangent
5.40
0.003
TM
Permeability (µ' = 13)
■
■
■
Excellent EMI absorber performance (µ' = 13 @10MHz) and compliable thermal material
Have excellent adhesion, performs heat conduction and MHz~GHz range electromagnet
(The values below are not guaranteed.)
※1) For usable dimensions, custom cuts, and material yield, contact
   your local sales department.
ー
JIS K 7312
ASTM D 2240
JIS K 6251
JIS K 6251
ー
ー
1.5
1.3
1.0/1.5/2.0
2.5/3.0/3.5
3.55
0.51
12
4.2
12.7
0.13
-40~110
210×510
ー
ー
%
Ω
・
ー
℃
・
ー
ー
13
JIS R 2616
(Hot-wire method)
ISO22007-2
JIS C 2110-1
JIS C 2110-1
※1
mm
ー
TM
/ EMPV5
■
■
■
■
■
Suppresses noise from 500MHz to 3GHz.
・
Permeability @10MHz: 7
(The values below are not guaranteed.)
※1) For usable dimensions, custom cuts, and material yield, contact
   your local sales department.
EMPV5-F
30
5.0
-40~110
210×510
1.0/1.5/2.0
2.5/3.0/3.5
ー
・
―
Ω
・
ー
℃
ー
JIS K 7312
ASTM D 2240
ー
ー
ー
ISO22007-2
ー
※1
JIS C 2110-1
JIS C 2110-1
Thermal+EMC
Thermal+EMC
Silicone-free


Similar Part No. - CPLK-F

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CPL LINEAGEPOWER-CPL Datasheet
722Kb / 16P
48V DC Critical Power Solution
logo
Vishay Siliconix
CPL VISHAY-CPL Datasheet
108Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead, Low Value
10-May-11
logo
Eaton All Rights Reserv...
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
CPL-2-50TR-R EATON-CPL-2-50TR-R Datasheet
872Kb / 6P
Multi-phase power inductors
logo
Mini-Circuits
CPL-20-14 MINI-CPL-20-14 Datasheet
305Kb / 1P
Bi-Directional Coupler
More results

Similar Description - CPLK-F

ManufacturerPart #DatasheetDescription
logo
CUI INC
SF100 CUI-SF100 Datasheet
241Kb / 2P
THERMAL PAD
logo
T-Global Technology
GT10D TGLOBAL-GT10D Datasheet
233Kb / 1P
Thermal Pad
Version18 20220801
logo
List of Unclassifed Man...
XPT4088 ETC-XPT4088 Datasheet
397Kb / 5P
Class AB dual channel, 2..7W, anti-shake function, thermal protection, super noise suppression, high reliability
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
Thermal Pad
20230721
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
Thermal Pad
20230712
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
Thermal Pad
20230721
TG-A486G TGLOBAL-TG-A486G Datasheet
364Kb / 1P
Thermal Pad
20230721
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
Thermal Pad
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com