Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFG-5042-R30 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OFG-5042-R30
Description  The guide retains the minimum bending radius for optical fibers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OFG-5042-R30 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OFG-5042-R30 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Application examples
FIBER GUIDE / OFG-5042-R30
Features
● Optical fiber bending radius of 30 mm or higher can be retained.
● Hook and loop fastener applicable member is equipped for
optical fiber bundle.
● The guide is fixable on a sheet metal with countersunk screws.
Material
UL94 V-2
● Nylon 66
(Color:Natural)
The guide retains the minimum bending radius for optical fibers
( Unit:mm)
Part No.
Applicable screw
Mounting hole size
Refer to Specification
drawing
M4 counter
screw
OFG-5042-R30
≦10
≦2
25
50
φ4.5
46
R30
2
(21.4)
(5)
3.5
A-A
25±0.2
φ4.5±0.1 or M4 Screw hole
Mounting hole
A
A
Screw mounting
M4 counter Screw
Metal plate etc.
Velcro tape
Optical fiber bundle
Applicable velcro tape
Width
Thickness
Maintaining Min.
bend radius of cables
Std. Package
50 pcs.
76


Similar Part No. - OFG-5042-R30

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
OFG-SCLC-1-R30-V0 KGS-OFG-SCLC-1-R30-V0 Datasheet
3Mb / 1P
It maintains safe radius for fibers extending from connector boot.
More results

Similar Description - OFG-5042-R30

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS52 VECTRON-TFS52 Datasheet
47Kb / 2P
Minimum of the pass band attenuation
logo
ON Semiconductor
AN1672 ONSEMI-AN1672 Datasheet
60Kb / 10P
The ECL Translator Guide
November, 2004 ??Rev. 9
logo
Silicon Laboratories
AN197 SILABS-AN197 Datasheet
233Kb / 14P
SERIAL COMMUNICATIONS GUIDE FOR THE CP210X
logo
Grayhill, Inc
50J1066 GRAYHILL-50J1066 Datasheet
1Mb / 4P
Requires Minimum Distance Behind the Panel
logo
Silicon Laboratories
AN768 SILABS-AN768 Datasheet
647Kb / 15P
ANTENNA SELECTION GUIDE FOR THE 868 MHZ
logo
List of Unclassifed Man...
LL3-TB01 ETC2-LL3-TB01 Datasheet
1Mb / 16P
Bending light the easy way
logo
Analog Devices
EVAL-ADN2525-NT AD-EVAL-ADN2525-NT_15 Datasheet
553Kb / 8P
Optical Evaluation Kit for the ADN2525
REV. 0
EVAL-ADN2525-OP AD-EVAL-ADN2525-OP_15 Datasheet
553Kb / 8P
Optical Evaluation Kit for the ADN2525
REV. 0
logo
STMicroelectronics
AN3299 STMICROELECTRONICS-AN3299 Datasheet
223Kb / 13P
A hardware and software guide for the STMPE801
04-Nov-2010
logo
ATMEL Corporation
ABOT-0004 ATMEL-ABOT-0004 Datasheet
2Mb / 13P
The guide for assembling the Abot robot chassisIncluding the basic data
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com