Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OFTMS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OFTMS
Description  Clamp base for fastening member without mounting hole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OFTMS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OFTMS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
●
●
●
(
:
)
・
・
・
タックタイ
リユース
特 長
■
マジックテープタイプのバンドで結束・取り外しが容易です。
■
LANケーブルや光ファイバーケーブルなどを、締めすぎることなく結束できます。
●
●
Application example
●
●
A 寸法でミシン目の入ったロール状になっています。
(Unit:mm)
Std. Package: Dark blue:100
ストリップタイプ/
ループタイプ/
※ご注文の際は、品番末尾の□部分に下記の色番号を入れてください。
※
0=黒/
、2=赤/
、3=橙/
、4=黄/
5=緑/
、6=青/
、8=灰/
、10=白/
※ご注文の際は、品番末尾の□部分に下記の色番号を入れてください。
※
0=黒/
、2=赤/
、3=橙/
、4=黄/
5=緑/
、6=青/
、8=灰/
、10=白/
4572
22860
4572
-
19.1
19.1
8.4
1本/ロール
1pcs./Roll
HLS-15R□
HLS-75R□
HLM-15R□
(単位/Unit:mm)
(単位/Unit:mm)
152
305
457
φ38
φ81
φ127
19.1
10本/ロール
1pcs./Roll
HLS1.5S-X□
HLS3S-X□
HLS5S-X□
品 番
Part No.
最大束線径
Max bundle
diameter
A
B
包装単位
Std. Package
※ご注文の際は、品番末尾の□部分に下記の色番号を入れてください。
※
0=黒/
、2=赤/
、3=橙/
、4=黄/
5=緑/
、6=青/
、8=灰/
、10=白/
φ49
φ81
12.7
10本/ロール
1pcs./Roll
(単位/Unit:mm)
HLT2I-X□
HLT3I-X□
203
305
品 番
Part No.
最大束線径
Max bundle
diameter
A
B
包装単位
Std. Package
品 番
Part No.
最大束線径
Max bundle
diameter
A
B
包装単位
Std. Package
M5取付ネジ用×切り込み/
: Black:
5,000
200
B
A
B
A
ストリップタイプ/
Clamp base for fastening member without mounting hole
D
C
A
B
C
Double sided adhesive tape
(Resin portion of the body)
UL94 V-2
CLAMP BASE / OFTMS
Features
● Our fastener products are applicable fixing with the product.
● Hook and loop fastener applicable in both directions equipped for optical fiber bundle.
Material
● Nylon 66
(Color:Natural)
Part No.
Panel thickness
OFTMS-30-R
4.8
22
30
12
2
3.5
8
9.1
Applicable fastener specifications
Mounting hole diameter
Cable tie Thickness
φ4.8
≦2.0
2.0
(Unit:mm)
A
D
C
B
E
F
G
(H)
Std. Package
100 pcs.
Application examples
PCB accessories, clamps,
and cable ties etc.
Velcro tape
Optical fiber
cables
89


Similar Part No. - OFTMS

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
OFT-07W03 BCM-OFT-07W03 Datasheet
323Kb / 2P
7” Open Frame Tablet
OFT-07W03-32LX BCM-OFT-07W03-32LX Datasheet
323Kb / 2P
7” Open Frame Tablet
OFT-07W03-32WN BCM-OFT-07W03-32WN Datasheet
323Kb / 2P
7” Open Frame Tablet
OFT-10W02 BCM-OFT-10W02 Datasheet
804Kb / 2P
10.1” Intel® Atom™ x5-Z8350 Quad Core Open Frame Tablet
11/03/2022
OFT-10W02-32LX BCM-OFT-10W02-32LX Datasheet
804Kb / 2P
10.1” Intel® Atom™ x5-Z8350 Quad Core Open Frame Tablet
11/03/2022
More results

Similar Description - OFTMS

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK13-1A66C-500W MEDER-MK13-1A66C-500W Datasheet
585Kb / 1P
Reed Sensors with Screw Fastening Mounting Holes
MK21M-1A66C-500W MEDER-MK21M-1A66C-500W Datasheet
526Kb / 3P
Reed Sensors with Mounting Holes for Screw Fastening
MK21-1A66C-500W MEDER-MK21-1A66C-500W Datasheet
391Kb / 3P
Reed Sensors with Mounting Holes for Screw Fastening
MK12-1A66C-500W MEDER-MK12-1A66C-500W_10 Datasheet
197Kb / 4P
Reed Sensors with Screw Fastening Mounting Holes
MK13-1A66C-500W MEDER-MK13-1A66C-500W_10 Datasheet
215Kb / 4P
Reed Sensors with Screw Fastening Mounting Holes
MK21M1A66B-500W MEDER-MK21M1A66B-500W Datasheet
181Kb / 5P
Reed Sensors with Mounting Holes for Screw Fastening
logo
UMPCO, Inc.
S228 UMPCO-S228 Datasheet
134Kb / 1P
CLAMP, LOOPCUSHIONED, 5/16" MOUNTING HOLE
S463 UMPCO-S463 Datasheet
130Kb / 1P
CLAMP, LOOPCUSHSIONED, 1/4" MOUNTING HOLE
S464 UMPCO-S464 Datasheet
133Kb / 1P
CLAMP, LOOPCUSHIONED, 3/8" MOUNTING HOLE
S479 UMPCO-S479 Datasheet
132Kb / 1P
CLAMP, LOOPCUSHIONED, 5/16TH MOUNTING HOLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com