Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OLS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # OLS
Description  Twist locking fastener
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

OLS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  OLS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REUSABLE
● Cost saving and easy locking /un-locking.
Features
UL94 V-2
Twist to fasten
/un-fasten
* 1.9 mm for OLS-115 and OLS-150BK.
S
φE
(A)
(B)
*1.8
*1.8
(φ
C)
Part No.
SφE
Std. Package
OLS-50
OLS-80
OLS-115
OLS-150BK
(A)
15.0
20.2
20.6
21.0
(B)
1.0
1.1
2.0
2.0
(φC)
5.2
8.2
11.5
15.0
(D)
15.5
20.1
22.4
23.75
5.0
5.7
5.5
500
pcs.
(Unit: mm)
Material
● Nylon 66 (Color: Natural*)
* Color of OLS -150 BK is black.
Twist locking fastener
OMEGA LOCK / OLS
86


Similar Part No. - OLS

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
OLS-130 OSA-OLS-130 Datasheet
134Kb / 5P
Series 130 - 1206 - Duplex bicolor
OLS-130HR OSA-OLS-130HR Datasheet
227Kb / 7P
Size 1206 ??Duplex LED
OLS-130HRHYG OSA-OLS-130HRHYG Datasheet
227Kb / 7P
Size 1206 ??Duplex LED
OLS-130HSD OSA-OLS-130HSD Datasheet
161Kb / 4P
Series 130 - 1206 Duplex
OLS-130HSD/HY-CX-TD OSA-OLS-130HSD/HY-CX-TD Datasheet
161Kb / 4P
Series 130 - 1206 Duplex
More results

Similar Description - OLS

ManufacturerPart #DatasheetDescription
logo
Richco, Inc.
KNF-30 RICHCO-KNF-30 Datasheet
30Kb / 1P
KWIK NUT FASTENER
logo
List of Unclassifed Man...
561-0001A ETC2-561-0001A Datasheet
81Kb / 2P
Two-Piece Nylon Fastener
561-C00500 ETC2-561-C00500 Datasheet
85Kb / 2P
PC Board Fastener
logo
Richco, Inc.
TL-1125 RICHCO-TL-1125 Datasheet
57Kb / 1P
TWIST - LOK
BPF-A414 RICHCO-BPF-A414 Datasheet
52Kb / 1P
BARBED PUSH FASTENER
DF-137-010 RICHCO-DF-137-010 Datasheet
22Kb / 1P
DRIVE FASTENER
logo
3M Electronics
SJ3571 3M-SJ3571 Datasheet
201Kb / 6P
3M™ Loop Fastener SJ3571
Apr-2014
SJ3572 3M-SJ3572 Datasheet
201Kb / 6P
3M™ Hook Fastener SJ3572
Apr-2014
SJ3533N 3M-SJ3533N Datasheet
193Kb / 6P
3M??Loop Fastener SJ3533N
SJ3401 3M-SJ3401 Datasheet
201Kb / 6P
3M??Loop Fastener SJ3401
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com