Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # RLS
Description  Releasable PCB spacer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

RLS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  RLS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
●
(
:
)
Round hole
●
(
RE-USE SPACER / RLS
UL94 V-0
PUSH
Features
Material
● Nylon 66(Color:Natural)
Push Type
● Holding and spacing for PC boards and chassis.
● Easily removed for maintenance and
disassembling.
Part No.
Mounting hole size Panel thickness Std. Package
(A)
KGLS-3S
KGLS-4S
KGLS-6S
KGLS-8S
KGLS-10S
KGLS-12S
KGLS-14S
KGLS-16S
KGLS-18S
KGLS-22S
9.8
11.4
14.4
17.7
20.9
24.1
27.2
30.4
33.6
39.9
100
pcs.
Top
φ4  
Bottom
φ4.8
+0.2
 0
+0.2
 0
(Unit:mm)
Top
1~2
Bottom
0.5~2.3
(
※
)
Part No.
Mounting hole size
Panel thickness
Std. Package
A
RLS-2E-VO
RLS-3E-VO
7.6
8.4
(B)
18.2
21.5
1000
pcs.
1000
pcs.
Top
φ4.0  
Bottom
φ4.8  
+0.2
 0
+0.2
 0
Top:1.6~1.8
Bottom:0.8~1.2
Top:1.6~1.8
Bottom:0.5~1.6
(Unit:mm)
REUSABLE
14.4
5.5
Part No.
Mounting hole size Panel thickness Std. Package
(A)
16.6
1000 pcs.
Top
≦t1.8
Bottom
0.5~2.3
KGLS-7S
Top
φ4  
Bottom
φ4.8
+0.2
 0
+0.2
 0
(Unit:mm)
・
・
14.4
9.6
6
14
5.6
10
7
10
7
φ1.1+0.2
0
φ4.8+0.2
0
4.5±0.1
Part No.
Mounting hole size
Panel thickness
Std. Package
A
KLCS-4H
KLCS-6
12.0
14.4
(Unit:mm)
100 pcs.
Part No.
Mounting hole size
Panel thickness Std. Package
Top
φ4  
Bottom
φ4.8
A
2.0
1000 pcs.
Top
1.7
Bottom
1.2  
KGLS-1S
+0.2
 0
+0.2
 0
+0.15
-0.10
(Unit:mm)
RLS-3E
RLS-2E
Top
φ4  
Bottom
φ4.8  
+0.2
 0
+0.2
 0
Top
1.2~1.6
Bottom
0.8~1.3
Bottom
0.5~1
14.4
14.4
※Baffle aperture
is required.
(Baffle aperture)
Releasable PCB spacer
4


Similar Part No. - RLS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
RLS LITTELFUSE-RLS Datasheet
777Kb / 1P
RLN/RLS Class H Fuses
RLS LITTELFUSE-RLS Datasheet
296Kb / 1P
Class H ??RLN / RLS series fuses & lkn / lks links
logo
Ohmite Mfg. Co.
RLS OHMITE-RLS Datasheet
523Kb / 3P
(Potentiometers) Wirewound
logo
Roithner LaserTechnik G...
RLS-5W-180-S ROITHNER-RLS-5W-180-S Datasheet
106Kb / 1P
SUPER BRIGHT WHITE LED
RLS-5W-180S ROITHNER-RLS-5W-180S Datasheet
106Kb / 1P
SUPER BRIGHT WHITE LED
More results

Similar Description - RLS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
608689 MACOM-608689 Datasheet
36Kb / 1P
NON-RELEASABLE LASHING TIE 20 INCH
logo
List of Unclassifed Man...
481-0300 ETC2-481-0300 Datasheet
106Kb / 2P
Releasable Cable Ties
561-AWC00125 ETC2-561-AWC00125 Datasheet
89Kb / 2P
Releasable Adhesive Backed Wire Clips
561-CB037 ETC2-561-CB037 Datasheet
43Kb / 2P
Releasable Clamp on Fin Clip Base
logo
TE Connectivity Ltd
C-2213301 TEC-C-2213301 Datasheet
688Kb / 3P
CONNECTOR ASSEMBLY, RELEASABLE POKE-IN
logo
OEN India Limited
04-0550RLX OENINDIA-04-0550RLX Datasheet
49Kb / 1P
Releasable Nylon Cable Ties
logo
TE Connectivity Ltd
1-1773730-4 TEC-1-1773730-4 Datasheet
2Mb / 5P
Releasable Poke-In Wire Connector
logo
Qualtek Electronics Cor...
740W-D-09 QUALTEK-740W-D-09 Datasheet
336Kb / 1P
PCB SPACER
logo
TE Connectivity Ltd
1-1773966-4 TEC-1-1773966-4 Datasheet
1Mb / 2P
BUCHANAN WIREMATE ITB RELEASABLE POKE-IN CONNECTORS
108-32063 TEC-108-32063 Datasheet
415Kb / 5P
Surface Mount Technology (SMT) Releasable Poke-In Connectors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com