Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # TMS
Description  Cable tie mount with adhesive or screw-mount options
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

TMS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  TMS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(Unit:mm)
※ 1.3mm for TMS-30-R.
Screw mounting
Adhesive tape mounting
(Screw type has “No adhesive backing”
at the end of Part No. )
● Can be mounted with either screw or adhesive tape.
● Cable tie can enter from any of four directions.
CABLE TIE MOUNT / TMS
● Nylon 66(Color:Natural)
(Resin portion of the body)
UL94 V-2
φ3
A
B
C
Part No.
Std. Package
Cable tie
Screw (Small flat head screw)
(E)
1.5
2.0
D
4.5
6.0
C
20.0
30.0
B
10.0
12.0
A
5.2
8.2
TMS-20-R
TMS-20
No adhesive backing
TMS-30
No adhesive backing
A TMS-30-R
Width Max 5.0
Thickness Max. 1.5
Width Max 8.0
Thickness Max. 2.0
——
M2.5
——
M2.5~M3
200 pcs.
Double sided adhesive tape
(TMS-20-R・TMS-30-R )
Material
Features
Cable tie mount with adhesive or screw-mount options
87


Similar Part No. - TMS

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMS SAMTEC-TMS Datasheet
506Kb / 1P
THROUGH-HOLE MICRO HEADER
logo
TRACO Electronic AG
TMS TRACOPOWER-TMS Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
TMS-06105 TRACOPOWER-TMS-06105 Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
TMS-06112 TRACOPOWER-TMS-06112 Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
TMS-06115 TRACOPOWER-TMS-06115 Datasheet
455Kb / 6P
TMS Series, 6to
Rev. February 13. 2018
More results

Similar Description - TMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
Screw Mount Cable Tie
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
Richco, Inc.
FTH-5A-RT-M RICHCO-FTH-5A-RT-M Datasheet
83Kb / 1P
Mini Cable Tie Mount with Adhesive Base
logo
List of Unclassifed Man...
ANT-2.4-WRT-XXX ETC2-ANT-2.4-WRT-XXX Datasheet
859Kb / 1P
Adhesive or permanent mount
ANT-868-WRT-XXX ETC2-ANT-868-WRT-XXX Datasheet
856Kb / 1P
Adhesive or permanent mount
ANT-916-WRT-RPS ETC2-ANT-916-WRT-RPS Datasheet
856Kb / 1P
Adhesive or permanent mount
logo
Vicor Corporation
PFM4414BB6M24D0C00 VICOR-PFM4414BB6M24D0C00 Datasheet
911Kb / 23P
Chassis mount or board mount packaging options
PFM4414XB6M24D0YZZ VICOR-PFM4414XB6M24D0YZZ Datasheet
911Kb / 23P
Chassis mount or board mount packaging options
logo
Linx Technologies
ANT-433-WRT-RPS LINX-ANT-433-WRT-RPS Datasheet
407Kb / 2P
Adhesive or permanent mount
12/9/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com