Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLSG Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # VLSG
Description  Screw-mount band that allows for easy bundling of cables
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

VLSG Datasheet(HTML) 1 Page - KITAGAWA GmbH

  VLSG Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Screw-mount band that allows for easy bundling of cables
Operating temperature range:-40℃~125℃(VLSG-***-M*-AM-HT-BK)
(Unit:mm)
Features
●
Plug-in mounting in screw hole is available without tool.
●
Screw hole of M4 and M5 are available.
●
Applying heat resistant aging material for the products that has AM-HT-BK at the end
of the part number, both heat resistance and durability are performed.
SCREW-LESS BAND / VLSG
●
Nylon 66
(Color:Black / VLSG-***-M*-AM-HT-BK)
●
Nylon 66
(Color:Natural / VLSG-130-M5)
Material
UL94 V-2
UL94 V-2
Part No.
Std. Package
Bundle diameter
Mounting hole size
E
5.9
6.7
6.7
(F)
6.1
6.1
6.1
G
≧φ10
≧φ10
≧φ12
H
≦1
≦1
≦1
I
≧7
≧8
≧8
(D)
6.5
6.5
6.5
C
3.4
3.6
3.6
B
7.6
8.5
8.5
(A)
99.9
130.7
130.7
φ1~20
φ1~24
φ1~24
100 pcs.
100 pcs.
500 pcs.
Recommended mounting hole
G
(A)
E
(F)
VLSG-100-M4-AM-HT-BK
VLSG-130-M5-AM-HT-BK
VLSG-130-M5
M5 screw hole
(Thread pitch:0.8)
M4 screw hole
(Thread pitch:0.7)
M5 screw hole
(Thread pitch:0.8)
Installation specifications
Mounting hole
84


Similar Part No. - VLSG

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
VLS WILCOXON-VLS Datasheet
327Kb / 2P
Switchable junction boxes
Rev.B.1 10/18
logo
JST Mfg. Co., Ltd.
VLS-02V JST-VLS-02V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLS-03V JST-VLS-03V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLS-08V JST-VLS-08V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
VLS-12V JST-VLS-12V Datasheet
232Kb / 5P
6.2mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - VLSG

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG2Z OMRON-XG2Z Datasheet
380Kb / 13P
Screw Terminal Block Cables
logo
Hamamatsu Corporation
A8406 HAMAMATSU-A8406 Datasheet
169Kb / 8P
Various types of cables for frame grabber
logo
Silicon Laboratories
SI501-EVB SILABS-SI501-EVB Datasheet
1Mb / 19P
USB plug-in board that allows for evaluation of the Si50x family of CMEMS oscillators.
logo
Omron Electronics LLC
C200HOD219 OMRON-C200HOD219 Datasheet
476Kb / 13P
Screw Terminal Block Cables
logo
List of Unclassifed Man...
FCC-1A ETC2-FCC-1A Datasheet
69Kb / 1P
This system allows the secure and neat fixing of between 1 and 25 ribbon cables.
logo
STMicroelectronics
UM1551 STMICROELECTRONICS-UM1551 Datasheet
684Kb / 17P
This demonstration board allows the easy measurement
10-Jun-2013
logo
List of Unclassifed Man...
GP-1450 ETC2-GP-1450 Datasheet
505Kb / 2P
PEN film reinforcement allows easy
logo
Ralston Instruments.
NPAK-TRS0-2MS0-2FSA RALSTON-NPAK-TRS0-2MS0-2FSA_16 Datasheet
474Kb / 1P
Quick-release lid allows for easy cleaning of dirt or liquid without tools
logo
Maxim Integrated Produc...
MAX77752 MAXIM-MAX77752 Datasheet
2Mb / 19P
On-Board Electronics Load Allows for Easy Evaluation
Rev 0; 10/17
MAX77863EVKIT MAXIM-MAX77863EVKIT Datasheet
1Mb / 12P
USB-to-I2C Converter Allows for Easy Communication
319-100450; Rev 1; 6/20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com