Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPX-82 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # BPX-82
Description  Silicon NPN Phototransistor Arrays
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

BPX-82 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button BPX-82 Datasheet HTML 7Page - ams-OSRAM AG BPX-82 Datasheet HTML 8Page - ams-OSRAM AG BPX-82 Datasheet HTML 9Page - ams-OSRAM AG BPX-82 Datasheet HTML 10Page - ams-OSRAM AG BPX-82 Datasheet HTML 11Page - ams-OSRAM AG BPX-82 Datasheet HTML 12Page - ams-OSRAM AG BPX-82 Datasheet HTML 13Page - ams-OSRAM AG BPX-82 Datasheet HTML 14Page - ams-OSRAM AG BPX-82 Datasheet HTML 15Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BPX 82
DATASHEET
DATASHEET
11 | Version 1.4 | 2023-06-06
TTW Soldering
IEC-61760-1 TTW
0
0
s
OHA04645
50
100
150
200
250
300
t
T
˚C
235 ˚C - 260 ˚C
First wave
20
40
60
80
100
120
140
160
180
200
220
240
Second wave
10 s max., max. contact time 5 s per wave
Preheating
T
∆
100 ˚C
120 ˚C
130 ˚C
Typical
Cooling
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Continuous line: typical process
Dotted line: process limits
< 150 K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com