Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV20000 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # CMV20000
Description  CMV20000 20MP CMOS machine vision image sensor
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

CMV20000 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button CMV20000 Datasheet HTML 17Page - ams-OSRAM AG CMV20000 Datasheet HTML 18Page - ams-OSRAM AG CMV20000 Datasheet HTML 19Page - ams-OSRAM AG CMV20000 Datasheet HTML 20Page - ams-OSRAM AG CMV20000 Datasheet HTML 21Page - ams-OSRAM AG CMV20000 Datasheet HTML 22Page - ams-OSRAM AG CMV20000 Datasheet HTML 23Page - ams-OSRAM AG CMV20000 Datasheet HTML 24Page - ams-OSRAM AG CMV20000 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
CMV20000
Functional description
Datasheet • PUBLIC • Document Feedback
DS000440 • v3-00 • 2026-Mar-13
21 / 69
/
7
Functional description
7.1
Sensor architecture
Figure 1 shows the image sensor architecture. The internal sequencer generates the
necessary signals for image acquisition. The image is stored in the pixel (global shutter) and
they are read out sequentially, row-by-row into the analog front-end electronics (AFE) of the
columns. On the pixel output, an analog gain of x2.0, x2.4, x2.8 and x3.2 is possible (or 1.6,
1.9, 2.25, 2.55 when column calibration is on). The pixel value then passes to a column ADC
cell, in which ADC conversion is performed. The digital signals are then read out over multiple
LVDS channels. Each LVDS channel reads out 640 adjacent columns of the array. The AFE
and LVDS drivers are doubled on opposite sides of the sensor, resulting in 2 rows being read
out at the same when all 16 outputs are used. In the Y-direction, rows of interest are selected
through a row-decoder which allows a flexible windowing. Control registers are foreseen for
the programming of the sensor. These register parameters are uploaded via a four-wire SPI
interface. A temperature sensor which can be read out over the SPI interface is also included.
7.1.1
Pixel array
The sensor has 5120 by 3840 active pixels with a 6.4 µm pitch surrounded by two dummy
rows and columns. These dummy pixels at the side will ensure that the optical performance of
the active pixels at the edge, is the same as the one in the active array. These dummy pixels
cannot be read out and will be set permanently to the reset voltage. The pixels are designed to
achieve maximum sensitivity with low noise and low PLS specification. Micro lenses are placed
on top of the pixels for improved fill factor and quantum efficiency.
7.1.2
Analog front-end electronics (AFE)
The analog front-end consists of two major parts: a column amplifier block and a column ADC
block.
The column amplifier prepares the pixel signal for the column ADC and applies analog gain if
desired (programmable using the SPI interface). The column ADC converts the analog pixel
value to a 12-bit value and can adjust its ramp to compensate for small gain differences. All
gain and offset settings can be programmed using the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com