Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

301250014 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # 301250014
Description  Dragster Line scan sensor
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

301250014 Datasheet(HTML) 4 Page - ams-OSRAM AG

  301250014 Datasheet HTML 1Page - ams-OSRAM AG 301250014 Datasheet HTML 2Page - ams-OSRAM AG 301250014 Datasheet HTML 3Page - ams-OSRAM AG 301250014 Datasheet HTML 4Page - ams-OSRAM AG 301250014 Datasheet HTML 5Page - ams-OSRAM AG 301250014 Datasheet HTML 6Page - ams-OSRAM AG 301250014 Datasheet HTML 7Page - ams-OSRAM AG 301250014 Datasheet HTML 8Page - ams-OSRAM AG 301250014 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 109 page
background image
Dragster
General description
Datasheet • PUBLIC • Document Feedback
DS000444 • v5-00 • 2025-Aug-29
4 / 109
/
Dragster Line scan sensor
1
General description
Dragster is a platform of digital line-scan sensors. The sensor family is made using three types
of basic elements: A single line element from 2K to 8K pixel resolution (7 μm pixel size and
pitch), a dual line element from 2K to 8K pixel resolution (7 μm pixel size and pitch) and a
single line element from 4K to 16K pixel resolution (3.5 μm (H) x 3.5 μm (V) pixel size). The
chip versions with dual line are optionally available with Bayer Pattern RGB filters placed on
the sensors.
The sensor features a low noise pixel with true CDS and global shutter for interleaved readout
and integration operation. Each pixel has an on pixel 13-bit ADC and its gain can be
programmed in a range of -6 dB till +20 dB by means of an 8-bit DAC controlled over the serial
configuration interface.
The readout is made by two 13-bit wide digital taps organized in odd/even order for each 2K
segment. For each line segment, 2K (7 μm pixel) or 4K (3.5 μm pixel), all pixels are read out.
For sensor versions with 3.5 μm pixel pitch, two 2K segment readout circuits are placed on
each side of the pixel line, to lead to a basic segment of 4K pixels, where even pixels are read
out over the bottom readout and odd pixels are read out over the top readout.
Start and end of integration, as well as optional start of readout, are started upon individual
external trigger events.
To enhance dynamic range multiple non-destructive readouts are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com