Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CECD Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # CECD
Description  Porous ceramic-based heat sink for excellentinsulation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

CECD Datasheet(HTML) 1 Page - KITAGAWA GmbH

  CECD Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CERACOLD / CECD
NEW
NEW
1
Features
Porous ceramic-based heat sink for
excellentinsulation
(Unit:mm)
L1
20
20
40
L2
20
20
40
Part Number
CECD-1.5-020020T
CECD-3.0-020020T
CECD-3.0-040040T
Thickness:t
1.5
3.0
3.0
Comparison of Heat Sink Efficiency
CECD
(t 3mm)
90℃
Aluminum plate
(t 3mm)
100
50
0
No heat sink
〈Test conditions〉
Heat source : □10mm(1.6W)
Specimen dimensions: □20mm(t3mm)
74℃
68℃
90℃
Stray capacitance occurs between the IC chip
(noise source) and the heat sink (not grounded),
which becomes an antenna and emits radiated noise.
Metal heat sink
Metal
Since ceramic is an insulator, it is not affected
by electrostatic coupling and does not act as an
antenna to radiate noise.
CERACOLD
IC
Ceramic
Heat conductive characteristics
Heat source
Power source
Specimen
Thermocouple
PCB
L2
Ceramic
Two-sides adhesive Tape
IC
Heat dissipation efficiency
EMI noise issues with metal heat sink
Standard
 
ー
JIS Z 8807
ー
CECD
11.5
Green
1.95
≧108
-40~125
Test type
Color
SpecificGravity
VolumeResistivity
Operatingtemp
Unit
W/m・K
ー
ー
Ω・cm
℃
JIS R 2616
(Hot-wire method)
(The values below are not guaranteed.)
JISK6911
compliant
Thermal
Conductivity
Have better thermal emissivity and heat dissipation is enhanced by a larger
surface area of porous ceramic material compared to aluminum material.
Lighter than aluminum heat sinks by approx.. 30%
No electromagnetic radiation emitted from the heat sink unlike metal heat sinks.
■
■
■
© 2019 Kitagawa GmbH


Similar Part No. - CECD

ManufacturerPart #DatasheetDescription
logo
3M Electronics
CEC-2** 3M-CEC-2** Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
CEC-2B** 3M-CEC-2B** Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
CEC-3** 3M-CEC-3** Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Tyco Electronics
CEC-RWC-18664 MACOM-CEC-RWC-18664 Datasheet
139Kb / 2P
Raychem Quadlite Cables
CEC-RWC-18680 MACOM-CEC-RWC-18680 Datasheet
139Kb / 2P
Raychem Quadlite Cables
More results

Similar Description - CECD

ManufacturerPart #DatasheetDescription
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
HSE-BX-035H-01 CUI-HSE-BX-035H-01 Datasheet
378Kb / 4P
HEAT SINK
HSB05-171711 CUI-HSB05-171711 Datasheet
302Kb / 3P
HEAT SINK
HSB09-212115 CUI-HSB09-212115 Datasheet
391Kb / 3P
HEAT SINK
HSB14-353518 CUI-HSB14-353518 Datasheet
396Kb / 3P
HEAT SINK
logo
CUI Devices
HSB03-141406 CUID-HSB03-141406 Datasheet
362Kb / 3P
HEAT SINK
08/05/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com