Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPVS Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # SPVS
Description  5W/m·K silicone thermal pad for high operating temperature applications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

SPVS Datasheet(HTML) 1 Page - KITAGAWA GmbH

  SPVS Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6
© 2019 Kitagawa GmbH
Silicone
Release liner
Thermal conductive silicone layer
Release liner
COOLPROVIDETM / SPVS
Features
5W/m·K silicone thermal pad
for high operating temperature applications
Volatilization of low-molecular-weight siloxane gas is minimal, which should
minimize PCB contact failure in long-term use.
■
High
Conductivity
High
Conductivity
(The values below are not guaranteed.)
Standard
ー
ー
JIS Z 8807
JIS K 7312
ASTM D 2240
JIS K 6251
JIS K 6251
UL94
ー
ー
SPVS
5.0
3.4
Green
0.5/1.0/1.5
2.75
70
86
0.78
46
3.0×1011
3.2
1.8
13.7
0.06
V-0
-20~125
210×510
Unit
ー
mm
ー
ASCER C
Shore 00
MPa
%
Ω・cm
kV/mm
kV/mm
1MHz
1MHz
ー
℃
mm
W/m・K
ISO22007-2
(
Hot Disc method)
JIS R 2616
(Hot-wire method)
Test type
Color
Thickness
Loss tangent
Flammability
Operating temp
Hardness
Thermal
Conductivity
Specific
Gravity
Tensile
strength
Volume
Resistivity
Breakdown
voltage
Withstanding
voltage
Dielectric
constant
JIS K 6911
compliant
JIS C 2110-1
compliant
JIS C 2110-1
compliant
Companystandard
Companystandard
Available max.
dimension.※1
※1) Please contact us for available pcs/sheet.
Elongation
rate


Similar Part No. - SPVS

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SPVS ALPS-SPVS Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPVS310100 ALPS-SPVS310100 Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPVS310100 ALPS-SPVS310100 Datasheet
1Mb / 5P
Compact Two-way Operation Type
SPVS310200 ALPS-SPVS310200 Datasheet
251Kb / 4P
Compact Two-way Operation Type
SPVS310200 ALPS-SPVS310200 Datasheet
1Mb / 5P
Compact Two-way Operation Type
More results

Similar Description - SPVS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
Non-Silicone Thermal Conductive Pad
logo
T-Global Technology
TG-A1250LC TGLOBAL-TG-A1250LC Datasheet
289Kb / 1P
High Performance Thermal Pad
Version18 20221122
TG-ALC TGLOBAL-TG-ALC Datasheet
295Kb / 1P
High Performance Thermal Pad
Version 18 20220718
TG-A6200LC TGLOBAL-TG-A6200LC Datasheet
315Kb / 1P
High Performance Thermal Pad
Version18 20221026
TG-A20KF TGLOBAL-TG-A20KF Datasheet
514Kb / 1P
High Performance Thermal Pad
20230721
TG-A20KX TGLOBAL-TG-A20KX Datasheet
506Kb / 1P
High Performance Thermal Pad
20230721
TG-A38KF TGLOBAL-TG-A38KF Datasheet
505Kb / 1P
High Performance Thermal Pad
20230721
TG-A38KX TGLOBAL-TG-A38KX Datasheet
509Kb / 1P
High Performance Thermal Pad
20230721
TG-APC93 TGLOBAL-TG-APC93 Datasheet
477Kb / 1P
Non-silicone Thermal Pad
20230721
TG-APC94 TGLOBAL-TG-APC94 Datasheet
531Kb / 1P
Non-silicone Thermal Pad
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com