Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS2 Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # SS2
Description  Sound damper suppresses airborne and vibration sound simultaneously
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

SS2 Datasheet(HTML) 1 Page - KITAGAWA GmbH

  SS2 Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
118
SOUND DAMPER/SS2
Properties
Specifications
Sound damper suppresses airborne and
vibration sound simultaneously
● Simply by applying damper sheet to surface it reduces sound emission from vibration.
● KGS acrylic rubber gives high sound insulation effect.
● Custom die cut upon request.
Release paper
Double-sided adhesive tape
KGS acrylic rubber
■ Application
Noise control of motors, fans, relays, inverters, etc
HighTemperatureTest
150℃×1000h
500Hz
2,000Hz
10,000Hz
-40℃
20℃
150℃
Gravity
TensileStrength
Elongation
SoundInsulationRate
(tanδ)
Loss factor
SS2-1.0-T1
3.5
4.4
34
22
29
46
0.009
0.053
0.007
1×1011
1.1
6.9
3.5
4.1
14
-40~150
HB equivalent
Unit
MPa
%
dB
Ω・cm
W/m・K
N/10mm
MPa
%
UL94
Item
Gravity
Tensile Strength
Elongation
Volume Resistivity
Thermal Conductivity
90̊ Peel Adhesion
Recommended operation temperature
Flame Retardancy
● Custom cutting, punching and other processing are available.
Sound Insulation Rate
Frequency
[Hz]
10
20
30
40
50
60
SS2-1.0-T1 (t1mm)
A: rival product(t1.5mm)
B: rival product(t1mm)
500 630 800 1000 1250 1600 2000 2500 3150 4000 5000 6300 8000 10000
560mm
200mm
Speaker
(1/f noise source)
Microphone
Sample
Sound Insulation Case
<Test method※1>
※1) KGS test method


Similar Part No. - SS2

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SS2 JAUCH-SS2 Datasheet
106Kb / 2P
Quartz Crystal
logo
Rectron Semiconductor
SS2 RECTRON-SS2 Datasheet
31Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
Continental Device Indi...
SS2 CDIL-SS2 Datasheet
179Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Apex Electronics Co., L...
SS2 APEX-ELECTRONICS-SS2 Datasheet
604Kb / 1P
Ecomimic Slide Switch, multiple contact arrangement
SS2-1P2T APEX-ELECTRONICS-SS2-1P2T Datasheet
604Kb / 1P
Ecomimic Slide Switch, multiple contact arrangement
More results

Similar Description - SS2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
National Instruments Co...
NI9233 NI-NI9233 Datasheet
544Kb / 6P
Sound and Vibration Data Acquisition
NIUSB-4431 NI-NIUSB-4431 Datasheet
185Kb / 5P
Sound and Vibration Data Acquisition
logo
Murata Manufacturing Co...
PKLCS1212E20A0-R1 MURATA-PKLCS1212E20A0-R1 Datasheet
197Kb / 3P
high sound pressure level and clear sound
PKLCS1212E2000-R1 MURATA-PKLCS1212E2000-R1 Datasheet
194Kb / 3P
high sound pressure level and clear sound
logo
Laird Tech Smart Techno...
CP14 LSTD-CP14 Datasheet
582Kb / 2P
No Sound or Vibration
UT15 LSTD-UT15 Datasheet
380Kb / 2P
No sound or vibration
ZT4 LSTD-ZT4 Datasheet
537Kb / 2P
No sound or vibration
ZT8 LSTD-ZT8 Datasheet
537Kb / 2P
No sound or vibration
CP10-63-05 LSTD-CP10-63-05 Datasheet
246Kb / 3P
No sound or vibration
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com