Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA8M1AFECFP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R7FA8M1AFECFP
Description  Renesas Microcontrollers
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA8M1AFECFP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R7FA8M1AFECFP Datasheet HTML 29Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 30Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 31Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 32Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 33Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 34Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 35Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 36Page - Renesas Technology Corp R7FA8M1AFECFP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 188 page
background image
2.2.3
I/O IOH, IOL
Table 2.6
I/O IOH, IOL (1 of 2)
Parameter
VCC/
VCC2/
AVCC0
Symbol
Min Typ Max Unit
Permissible output current
(average value per pin)
Ports P000 to P011, P014, P015, P201
—
—
IOH
—
—
−2.0 mA
IOL
—
—
2.0
mA
Ports P205, P206, P402 to P404, P406
to P415, P511, P512, P709 to P715,
PA09, PB01 (total 26 pins)
Low drive*1
—
IOH
—
—
−2.0 mA
IOL
—
—
2.0
mA
Middle drive*2 —
IOH
—
—
−4.0 mA
IOL
—
—
4.0
mA
High drive*3
—
IOH
—
—
−20 mA
IOL
—
—
20.0 mA
Ports P100 to P103, P304 to P308,
P800 to P804, P808 to P810, PA09
(total 18 pins)
Low drive*1
—
IOH
—
—
−2.0 mA
IOL
—
—
2.0
mA
Middle drive*2 —
IOH
—
—
−4.0 mA
IOL
—
—
4.0
mA
High drive*3
—
IOH
—
—
−16 mA
IOL
—
—
16.0 mA
High-speed
high drive*4
—
IOH
—
—
−20 mA
IOL
—
—
20.0 mA
Port PA09
Low drive*1
—
IOH
—
—
−2.0 mA
IOL
—
—
2.0
mA
Middle drive*2 —
IOH
—
—
−4.0 mA
IOL
—
—
4.0
mA
High drive*3
—
IOH
—
—
−20 mA
IOL
—
—
20.0 mA
High-speed
high drive*4
—
IOH
—
—
−20 mA
IOL
—
—
20.0 mA
Other output pins*5
Low drive*1
—
IOH
—
—
−2.0 mA
IOL
—
—
2.0
mA
Middle drive*2 —
IOH
—
—
−4.0 mA
IOL
—
—
4.0
mA
High drive*3
—
IOH
—
—
−16 mA
IOL
—
—
16.0 mA
RA8M1 Datasheet
2. Electrical Characteristics
R01DS0417EJ0130 Rev.1.30
Dec 19, 2025
Page 33 of 188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com