Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT652 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HCT652
Description  HCT651 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE, INV. HCT652 OCTAL BUS TRANSCEIVER/REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HCT652 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HCT652 Datasheet HTML 3Page - STMicroelectronics M74HCT652 Datasheet HTML 4Page - STMicroelectronics M74HCT652 Datasheet HTML 5Page - STMicroelectronics M74HCT652 Datasheet HTML 6Page - STMicroelectronics M74HCT652 Datasheet HTML 7Page - STMicroelectronics M74HCT652 Datasheet HTML 8Page - STMicroelectronics M74HCT652 Datasheet HTML 9Page - STMicroelectronics M74HCT652 Datasheet HTML 10Page - STMicroelectronics M74HCT652 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
-40 to 85
oC
Min.
Typ.
Max.
Min.
Max.
tTLH
tTHL
Output Transition Time
4.5
50
7
12
15
ns
tPLH
tPHL
Propagation Delay Time
(BUS - BUS)
4.5
50
20
30
38
ns
4.5
150
25
38
48
ns
tPLH
tPHL
Propagation Delay Time
(CLOCK - BUS)
4.5
50
29
44
55
ns
4.5
150
34
52
65
ns
tPLH
tPHL
Propagation Delay Time
(SELECT - BUS)
4.5
50
24
34
43
ns
4.5
150
29
42
53
ns
tPZL
tPZH
3-State Output Enable Time
(GAB, GBA - BUS)
4.5
50
RL =1 K
Ω
22
33
41
ns
4.5
150
RL =1 K
Ω
27
41
51
ns
tPLZ
tPHZ
Output Disable Time
(GAB, GBA - BUS)
4.5
50
RL =1 K
Ω
24
35
44
ns
fMAX
Maximum Clock Frequency
4.5
50
31
55
25
MHz
tW(H)
tW(L)
Minimum Clock Pulse Width
4.5
50
8
15
19
ns
ts
Minimum Set-up Time
4.5
50
3
10
13
ns
th
Minimum Hold Time
4.5
50
5
5
ns
CIN
Input Capacitance
5
10
10
pF
CI/O
Bus Terminal Capacitance
13
pF
CPD (*)
Power Dissipation Capacitance
for HCT651
for HCT652
38
39
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/8 (per Channel)
M74HCT651/652
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com