Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF54500CDR Datasheet(PDF) 32 Page - Texas Instruments

Part # REF54500CDR
Description  REF54 0.8ppm/°C Maximum Drift, 0.11ppmp-p 1/f Noise, 380μA Current, Precision Voltage Reference
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF54500CDR Datasheet(HTML) 32 Page - Texas Instruments

Back Button REF54500CDR Datasheet HTML 28Page - Texas Instruments REF54500CDR Datasheet HTML 29Page - Texas Instruments REF54500CDR Datasheet HTML 30Page - Texas Instruments REF54500CDR Datasheet HTML 31Page - Texas Instruments REF54500CDR Datasheet HTML 32Page - Texas Instruments REF54500CDR Datasheet HTML 33Page - Texas Instruments REF54500CDR Datasheet HTML 34Page - Texas Instruments REF54500CDR Datasheet HTML 35Page - Texas Instruments REF54500CDR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
For related documentation see the following:
• Texas Instruments, Voltage Reference Design Tips For Data Converters
• Texas Instruments, Voltage Reference Selection Basics
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (May 2025) to Revision D (June 2026)
Page
• Removed product preview from Package Information table for the LCCC package.......................................... 1
• Changed the document status from Production Data to Production Mix ...........................................................1
• Changed REF54500CFKHT, REF54410CFKHT, REF54250CFKHT, and REF54300CDR devices variant
status from preview to production data...............................................................................................................3
• Updated to clarify operating temperature range vs specified temperature range...............................................3
• Added REF54250IDR and REF54410IDR as product preview devices............................................................. 3
• Added I grade device temperature drift preview specification............................................................................ 6
• Updated 3V variant noise reduction capacitor = 100µF noise specification from 0.1 ppm p-p to 0.11 ppm p-p. 8
• Updated 4.096V variant noise reduction capacitor = 10µF noise specification from 0.2 ppm p-p to 0.24 ppm p-
p........................................................................................................................................................................10
• Updated 4.096V variant noise reduction capacitor = 100µF noise specification from 0.09 ppm p-p to 0.11 ppm
p-p.....................................................................................................................................................................10
• Updated thermal hysteresis numbers for 4.096V variant to match 2.5V variants.............................................10
• Added 3V, 4.5V, and 5V variants noise reduction capacitor = 10µF specification............................................12
• Updated 4.5V variant noise reduction capacitor = 100µF value from 0.08ppm p-p to 0.11ppm p-p................ 12
REF54
SNVSCN7D – NOVEMBER 2023 – REVISED JUNE 2026
www.ti.com
32
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com