Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7812 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # L7812
Description  Three Terminal Positive Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

L7812 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  L7812 Datasheet HTML 1Page - Inchange Semiconductor Company Limited L7812 Datasheet HTML 2Page - Inchange Semiconductor Company Limited L7812 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Three Terminal Positive Voltage Regulator
L7812
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage
VI=14.5~27V,IO=5mA~750mA
11.4
--
12.5
V
△
VO
Line Regulation
VI= 14.5~30V
--
--
100
mV
VI= 16~30V
--
--
50
△
VO
Load Regulation
IO=5 mA~1.5A
--
--
245
mV
IO=250mA~1.0A
--
--
125
IQ
Quiesce`nt Current
--
--
--
8
mA
△
IQ
Quiescent
Current
Change
IO=5mA~1.5A
--
--
0.5
mA
VI= 14.5V~30V
--
--
0.8
△
V /△T
Output Voltage Drift
IO=5mA
--
-0.8
mV/℃
VN
Output Noise Voltage
10HZ ≤ f ≤100KHZ
--
75
--
μV
RR
Ripple Rejection
f = 120Hz, VI = 15 to 25V
--
80
--
dB
VD
Dropout Voltage
--
--
2
--
V
ISC
Short Circuit Current
VI= 35V
--
200
--
mA
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com