Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCX-00 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # ASCX-00
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

ASCX-00 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button ASCX-00 Datasheet HTML 6Page - ams-OSRAM AG ASCX-00 Datasheet HTML 7Page - ams-OSRAM AG ASCX-00 Datasheet HTML 8Page - ams-OSRAM AG ASCX-00 Datasheet HTML 9Page - ams-OSRAM AG ASCX-00 Datasheet HTML 10Page - ams-OSRAM AG ASCX-00 Datasheet HTML 11Page - ams-OSRAM AG ASCX-00 Datasheet HTML 12Page - ams-OSRAM AG ASCX-00 Datasheet HTML 13Page - ams-OSRAM AG ASCX-00 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Document Feedback
EGA2000-850-W
Performance Characteristics
Datasheet
• PUBLIC
DS000697
• v2-00 • 2023-Apr-04
24
│ 9
Parameter
Condition
Min
Typ
Max
Unit
Spectral Width(2)
Pulse width=100
μs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
0.1
3
nm
(1)
Maximum deviation between average intensity in scanning windows rolling in 1º steps within the 80% intensity level.
(2)
Full width at half maximum
Figure 9:
Field of Illumination (FOI)
Parameter
Condition
Min
Typ
Max
Unit
Horizontal FOI(1)(2)
Pulse width = 100 µs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
75
79
83
deg
Vertical FOI(1)2)
Pulse width = 100 µs,
Duty cycle = 2%,
@ 4 A
@ 25 °C
52
56
60
deg
(1)
Angle at 50% level normalized to the centroid.
(2)
Irradiance (W/m²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com