Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATBX-00 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # ATBX-00
Description  Industrial High-Power Flood Illuminator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

ATBX-00 Datasheet(HTML) 4 Page - ams-OSRAM AG

  ATBX-00 Datasheet HTML 1Page - ams-OSRAM AG ATBX-00 Datasheet HTML 2Page - ams-OSRAM AG ATBX-00 Datasheet HTML 3Page - ams-OSRAM AG ATBX-00 Datasheet HTML 4Page - ams-OSRAM AG ATBX-00 Datasheet HTML 5Page - ams-OSRAM AG ATBX-00 Datasheet HTML 6Page - ams-OSRAM AG ATBX-00 Datasheet HTML 7Page - ams-OSRAM AG ATBX-00 Datasheet HTML 8Page - ams-OSRAM AG ATBX-00 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Document Feedback
EGA2000-940-N
General Description
Datasheet
• PUBLIC
DS000700
• v3-00 • 2023-Apr-03
24
│ 3
1
General Description
1.1
Key Benefits & Features
The EGA2000-940-N module is specifically designed for monochromatic, infrared, high-power, uniform
illumination.
The compact modules are assembled with ams OSRAM state-of-the-art component manufacturing
processes and are reflow solderable. These modules, using laser illumination, allow improved
efficiency, reduced footprint, and overall improved system performance.
Figure 1:
Added Value Overview
Benefits
Features
Small package size
4.1 mm x 4.1 mm x 1.38 mm ± 0.100 mm
Power efficient
High power conversion efficiency
Easy component mounting
Standard lead-free solder reflow compatible
Uniform power distribution
100% tested for uniformity in the far field
Full traceability
Unit level track with 2D barcode
1.2
Applications
●
Industrial applications using 3D Time-of-Flight and 2D NIR systems
●
Machine vision
●
Automated guided vehicles (AGV)
●
Autonomous robots
●
e-payment POS (Point of Sales)
●
Night vision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com