Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTK7044D Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACTK7044D
Description  IF Filter for Intercarrier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTK7044D Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACTK7044D Datasheet HTML 1Page - Advanced Crystal Technology ACTK7044D Datasheet HTML 2Page - Advanced Crystal Technology ACTK7044D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
ACTK7044D/38.90/SIP5D
Features
n Standard: B/G, D/K
n TV IF filter with Nyquist slope and sound shelf
n Broad sound shelf for sound carriers at 32.40 MHz and 33.40 MHz
n Group delay pre-distortion
Package Dimension
Pin Configuration
Performance
Maximum Ratings
Rating
Value
Unit
Operable Temperature Range
TA
-25 to +65
°C
Storage Temperature Range
Tstg
-40 to +85
°C
DC Voltage (between any terminals)
VDC
12
V
AC Voltage (between any terminals)
VPP
10
V
IF Filter for Intercarrier Applications
38.90MHz
Issue : 1 C1
Date : SEPT 04


Similar Part No. - ACTK7044D

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACTK7033D ACT-ACTK7033D Datasheet
94Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
ACTK7033D/38.90/SIP5D ACT-ACTK7033D/38.90/SIP5D Datasheet
94Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
More results

Similar Description - ACTK7044D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2955M ETC-K2955M Datasheet
82Kb / 6P
IF Filter for Intercarrier Applications
G1965M ETC1-G1965M Datasheet
91Kb / 8P
IF Filter for Intercarrier Applications
logo
EPCOS
K2962M EPCOS-K2962M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications
K2965M EPCOS-K2965M Datasheet
89Kb / 6P
IF Filter for Intercarrier Applications
G1963M EPCOS-G1963M Datasheet
87Kb / 6P
IF Filter for Intercarrier Applications
K2966M EPCOS-K2966M Datasheet
88Kb / 6P
IF Filter for Intercarrier Applications
J1951M EPCOS-J1951M Datasheet
88Kb / 6P
IF Filter for Intercarrier Applications
M1871M EPCOS-M1871M Datasheet
86Kb / 6P
IF Filter for Intercarrier Applications
logo
Advanced Crystal Techno...
ACTK7033D ACT-ACTK7033D Datasheet
94Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
ACTK8032D ACT-ACTK8032D Datasheet
94Kb / 3P
IF Filter for Intercarrier Applications
SEPT 04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com