Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTK8032D Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACTK8032D
Description  IF Filter for Intercarrier Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTK8032D Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACTK8032D Datasheet HTML 1Page - Advanced Crystal Technology ACTK8032D Datasheet HTML 2Page - Advanced Crystal Technology ACTK8032D Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel : +44 118 979 1238
Fax : +44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
]
Electronic Characteristics
Reference temperature:
TA = 25 (45) °C
Terminating source impedance:
ZS = 50 Ω
Terminating load impedance:
ZL = 2 kΩ || 3 pF
Item
min.
typ.
max.
Unit
Insertion attenuation
IL
Reference level for
the following data
44.06 (44.00)
MHz
11.0
12.5
14.0
dB
Relative attenuation
α
rel
Picture carrier
45.81 (45.75)
MHz
4.6
5.6
6.6
dB
Colour carrier
42.23 (42.17)
MHz
0.1
1.0
2.0
dB
41.98 (41.92)
MHz
2.0
dB
41.73 (41.67)
MHz
5.5
dB
Sound carrier
41.31 (41.25)
MHz
15.7
17.2
18.7
dB
Adjacent picture carrier
39.81 (39.75)
MHz
42.0
55.0
dB
Adjacent sound carrier
47.31 (47.25)
MHz
30.0
42.0
dB
Lower sidelobe
35.06 … 39.81
(35.00 ... 39.75)
MHz
36.0
44.0
dB
Upper sidelobe
47.31 … 55.06
(47.25 ... 55.00)
MHz
30.0
40.0
dB
Group delay ripple (p-p)
Δ
τ
40
ns
Temperature coefficient of frequency
TCf
–72
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com