Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA-CSHPM1-23 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GA-CSHPM1-23
Description  higher performing OSLON SSL family LED
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GA-CSHPM1-23 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GA-CSHPM1-23 Datasheet HTML 1Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 2Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 3Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 4Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 5Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 6Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 7Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 8Page - ams-OSRAM AG GA-CSHPM1-23 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GA CSHPM1.23
DATASHEET
DATASHEET
2 | Version 1.9 | 2023-11-10
OSLON® SSL 150
GA CSHPM1.23
New, higher performing OSLON SSL family LED with well
known superior robustness, high reliability, long lifetime, low
thermal resistance. Perfectly addressing applications demand-
ing for high efficiency and long lifetime requirement.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 150°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 116 lm
- Luminous efficacy: typ. 157 lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com