Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GA-PSLR31-13 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # GA-PSLR31-13
Description  DURIS® S 5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GA-PSLR31-13 Datasheet(HTML) 5 Page - ams-OSRAM AG

  GA-PSLR31-13 Datasheet HTML 1Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 2Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 3Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 4Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 5Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 6Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 7Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 8Page - ams-OSRAM AG GA-PSLR31-13 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GA PSLR31.13
5 Version 1.7 | 2020-11-17
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
I
F = 150 mA
I
F = 150 mA
min.
max.
Φ
V
Φ
V
JP
45.0 lm
48.4 lm
JQ
48.4 lm
52.0 lm
JR
52.0 lm
56.3 lm
JS
56.3 lm
61.0 lm
Forward Voltage Groups
Group
Forward Voltage 3)
Forward Voltage 3)
I
F = 150 mA
I
F = 150 mA
min.
max.
V
F
V
F
B
5.60 V
5.80 V
C
5.80 V
6.00 V
D
6.00 V
6.20 V
E
6.20 V
6.40 V
F
6.40 V
6.60 V
G
6.60 V
6.80 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com