Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Q8016LH6TP Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # Q8016LH6TP
Description  isc Thyristor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

Q8016LH6TP Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  Q8016LH6TP Datasheet HTML 1Page - Inchange Semiconductor Company Limited Q8016LH6TP Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc
Thyristor
Q8016LH6TP
www.iscsemi.com
1
FEATURES
·
Blocking Voltage to 800 V
·
Uniform Gate Trigger Currents in Three Quadrants
APPLICATIONS
·
high performance full-wave ac control applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive peak off-state voltage
800
V
VRRM
Repetitive peak off-state voltage
800
V
IT(RMS)
RMS on-state current (full sine wave)
TC=90℃
16
A
ITSM
Peak Non-Repetitive Surge Current,Full Cycle
50Hz,20ms
167
A
60Hz,16.7ms
200
A
I2t
I2t value for fusing (tp=8.3ms)
166
A2S
PG(AV)
Average gate power dissipation,TJ=125℃
0.5
W
IGTM
Peak gate Trigger current,tp=20us,TJ=125℃
4.0
A
Tj
Max. Operating junction temperature
125
℃
Tstg
Storage temperature
-40~150
℃
dV/dt
VD=VDRM,gate open,TJ=125℃
475
V/us
di/dt
Critical rate of rise of on-state current, f = 120 Hz,,TJ=125℃
100
A/us
RθJC
Thermal Resistance, Junction−to−Case
2.1
℃
/W


Similar Part No. - Q8016LH6TP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
Q8016LH6 LITTELFUSE-Q8016LH6 Datasheet
182Kb / 10P
Alternistor Triacs (6 A to 40 A)
logo
List of Unclassifed Man...
Q8016LH6 ETC2-Q8016LH6 Datasheet
188Kb / 10P
Alternistor Triacs
More results

Similar Description - Q8016LH6TP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
THYRISTOR/ THYRISTOR
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
Thyristor/Thyristor, Thyristor/Diode
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
Thyristor/Diode and Thyristor/Thyristor
11-Apr-14
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
Thyristor/Thyristor
11-Apr-14
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
Thyristor Thyristor
March 2001 Rev 1.001
logo
Inchange Semiconductor ...
CR12PM-12B-IST4003 ISC-CR12PM-12B-IST4003 Datasheet
297Kb / 2P
ISC Thyristor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com