Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-CSSRML-14 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GD-CSSRML-14
Description  OSLON™ Optimal
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-CSSRML-14 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GD-CSSRML-14 Datasheet HTML 1Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 2Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 3Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 4Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 5Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 6Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 7Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 8Page - ams-OSRAM AG GD-CSSRML-14 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GD CSSRML.14
DATASHEET
DATASHEET
2 | Version 1.1 | 2025-08-05
OSLON™ Optimal
GD CSSRML.14
A brand new family of LEDs with our ams OSRAM’s
latest chip technology, delivering significant
performance upgrades. Offered in four
colors for ease of design and flexibility for all your
horticulture spectrum needs. With Hyper Red (660
nm), Deep Blue (450 nm), Far Red (730 nm) and
Horti White options to select from both
narrow spectrum and full spectrum
solutions can be designed to meet all crop needs for
both greenhouses and vertical farms.
The OSLON™ Optimal strikes a perfect balance of
performance and cost along with proven robustness,
high reliability and long lifetime.
Applications
- Agriculture & Horticulture
- Entertainment
- Medical Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux: typ. 775 mW
- Radiant Efficiency: typ. 75.8 %
- Photon Flux: typ. 2.90 umol/s
- Photon Flux Efficacy: typ. 2.84 umol/J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com