Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-DASPA1-14 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # GD-DASPA1-14
Description  DURIS P 5
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-DASPA1-14 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button GD-DASPA1-14 Datasheet HTML 5Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 6Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 7Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 8Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 9Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 10Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 11Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 12Page - ams-OSRAM AG GD-DASPA1-14 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Version 1.6 (not for new design)
GD DASPA1.14
2018-01-15
9
ΔVF = VF - VF(25 °C) = f(Tj); IF = 100 mA
ΦE/ΦE(25 °C) = f(Tj); IF = 100 mA
λdom = f(Tj); IF = 100 mA
GD DASPA1.14
-40
-20
0
20
40
60
80
100 120
Tj [°C]
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
∆VF [V]
GD DASPA1.14
-40
-20
0
20
40
60
80
100 120
Tj [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
ΦE
Φ
E (25°C)
GD DASPA1.14
-40
-20
0
20
40
60
80
100 120
Tj [°C]
400
420
440
460
480
500
λ dom [nm]
Relative Forward Voltage 7) page 21
Relative Vorwärtsspannung 7) Seite 21
Relative Radiant Power 7) page 21
Relative Strahlungsleistung 7) Seite 21
Dominant Wavelength 7) page 21
Dominante Wellenlänge 7) Seite 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com