Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD-PUSRA1-15 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GD-PUSRA1-15
Description  OSCONIQ® P 3737 (2W)
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GD-PUSRA1-15 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GD-PUSRA1-15 Datasheet HTML 1Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 2Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 3Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 4Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 5Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 6Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 7Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 8Page - ams-OSRAM AG GD-PUSRA1-15 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
GD PUSRA1.15
DATASHEET
DATASHEET
2 | Version 1.0 | 2024-04-08
OSCONIQ® P 3737 (2W)
GD PUSRA1.15
High-power LED with our ams OSRAM’s latest chip technology,
delivering industry leading performance, superior robustness
and long lifetime. With the introduction of a new color
(Red 640 nm) the family offers five colors for ease of design
and high flexibility for all your horticulture spectrum needs.
The OSCONIQ® P 3737 family offers Hyper Red (660 nm),
Red (640nm), Deep Blue (450 nm), Far Red (730 nm) and Horti
White which can cater to both narrow spectrum and full
spectrum solutions to meet all crop needs for both greenhouses
and vertical farms.
Applications
- Agriculture & Horticulture
- Entertainment
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: SMD epoxy package with silicone lens
- Typ. Radiation: 120°
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Radiant Flux (@ 700mA): typ. 1555 mW @ 25°C; typ. 1462 mW @ 85°C
- Radiant Efficiency (@ 700mA): typ. 76.1% @ 25°C; typ. 74.0% @ 85°C
- Photon Flux (@ 700mA): typ. 5.76 μmol/s @ 25°C; typ. 5.45 μmol/s @ 85°C
- Photon Flux Efficacy (@ 700mA): typ. 2.82 μmol/J @ 25°C; typ. 2.76 μmol/J @ 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com