Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLD200 Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # PLD200
Description  TEST LOAD BASICS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

PLD200 Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  PLD200 Datasheet HTML 1Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 2Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 3Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 4Page - Wavelength Electronics, Inc. PLD200 Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GO POUND GROUND ...
ABOUT TEMPERATURE CONTROLLERS
AND TEST LOADS
Setting up a test load and testing with a temperature
controller allows you to test the direction of current flow
though the load. It shows the polarity of the controller and
whether the sensor feedback is working properly.
The following equipment is necessary when setting up a
test load:
•
Thermoelectric controller
•
2 Multimeters, one set for voltage and one for current
•
5 V Power supply
•
Connection cables or wires
R1
SEN-
SEN+
Figure 4. Thermistor Test Load
RLOAD
TEC+
TEC-
RLOAD
IMETER
Figure 5. Simulated Thermoelectric Test Load
SET UP THE TEMPERATURE CONTROLLER
TEST LOAD
1. Attach a 10 kΩ resistor in place of the thermistor (see
Figure 4
) with a default sensor bias current of 100 μA.
The ACT T voltage should read 1 V when the controller
has power applied.
2. Connect an ammeter in series with the test load resistor
(see Figure 5).
NOTE:
The positive terminal of the meter must attach
to the TEC+ output of the controller and the negative
terminal of the meter must attach to the test load resistor.
Make sure the ammeter capacity exceeds 1 A.
3. Attach the voltmeter across ACT T and GND.
4. Attach a 5 V power supply to the unit. A higher voltage
power supply can overheat the controller when using
test loads.
5. Turn limit trimpots to OFF (usually 12 turns CCW).
6. Enable the unit.
7. Turn the SET T voltage to 1.35 V for cooling and turn
the Current Limit trimpot until the ammeter reads 1 A.
The limit setting can be any value as long as it does not
exceed the ammeter capacity or the power rating of the
load resistor.
8. Turn the SET T voltage to 0.8 V for heating and turn
the Current Limit trimpot until the ammeter reads 1 A.
The limit setting can be any value as long as it does not
exceed the ammeter capacity or the power rating of the
load resistor.
9. When the testing is complete, return the Current Limit
trimpot to the OFF position (usually 12 turns CCW).
CONCLUSION
Once you are comfortable with using the equipment, then
it can be powered down and the test load removed. Make
sure everything is reset, such as returning the Setpoint
trimpot and the Current Limit trimpot to OFF (usually 12
turns CCW) before connecting the application load. Once
the actual load is connected, start the set up protocol from
the beginning. Be sure to use the appropriate datasheet
when setting up the application load.
Using a test load to become familiar with your Wavelength
product will help protect your application when setting up
the final load. As always, our technical sales engineers are
available to help with any questions you may have.
© 2014 • Sales & Technical Support: (406) 587-4910 • email: Sales@teamWavelength.com • web: www.teamWavelength.com
Application Note AN-LDTC04 Rev. A
Page 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com