Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4700BO Datasheet(PDF) 3 Page - Clarke International

Part # CS4700BO
Description  INDUSTRIAL SHELVING
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CS4700BO Datasheet(HTML) 3 Page - Clarke International

  CS4700BO Datasheet HTML 1Page - Clarke International CS4700BO Datasheet HTML 2Page - Clarke International CS4700BO Datasheet HTML 3Page - Clarke International CS4700BO Datasheet HTML 4Page - Clarke International CS4700BO Datasheet HTML 5Page - Clarke International CS4700BO Datasheet HTML 6Page - Clarke International CS4700BO Datasheet HTML 7Page - Clarke International CS4700BO Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct
at the time of going to print. However, CLARKE International reserve the right
to change specifications at any time without prior notice.
LIST OF COMPONENTS
When unpacking, check for damage and/or shortages etc. Any found should
be reported to your CLARKE dealer where the product was originally
purchased.
This shelving unit should include the following:
2 x Upright Frames
8 x Beams
16 x Deck Supports
4 x Deck Panels
1 x Instruction Manual (this document)
TOOLS REQUIRED
Rubber mallet or hammer.
Protective cloth/wood block.
All CS4700 models
Dimensions (W x D x H)
1940 x 610 x 1830 mm
Product weight
95 kg
Load per shelf
800 kg (evenly distributed)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com