Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR4200 Datasheet(PDF) 2 Page - Clarke International

Part # CSR4200
Description  5-SHELF BOLTLESS SHELVING UNITS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSR4200 Datasheet(HTML) 2 Page - Clarke International

  CSR4200 Datasheet HTML 1Page - Clarke International CSR4200 Datasheet HTML 2Page - Clarke International CSR4200 Datasheet HTML 3Page - Clarke International CSR4200 Datasheet HTML 4Page - Clarke International CSR4200 Datasheet HTML 5Page - Clarke International CSR4200 Datasheet HTML 6Page - Clarke International CSR4200 Datasheet HTML 7Page - Clarke International CSR4200 Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Shelving Unit.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SCOPE
These instructions cover the following models
SPECIFICATIONS
Description
Model
Part Number
4-Shelf 200kg Boltless Shelving (Light Grey)
CSR4200/40LG
6600710
4-Shelf 200kg Boltless Shelving (Blue)
CSR4200/40BL
6600712
4-Shelf 200kg Boltless Shelving (Red)
CSR4200/40RP
6600714
Model
Dimensions
(W x D x H)
Weight
(Empty)
Load per
shelf (evenly
distributed)
All CRS4200 Units
900 x 400 x 1800 mm
14.2kg
200 kg



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com