Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSF2 Datasheet(PDF) 2 Page - Clarke International

Part # CSF2
Description  STOVE FANS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSF2 Datasheet(HTML) 2 Page - Clarke International

  CSF2 Datasheet HTML 1Page - Clarke International CSF2 Datasheet HTML 2Page - Clarke International CSF2 Datasheet HTML 3Page - Clarke International CSF2 Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE product.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
DESIGN FEATURES
1. Handle
2. Cooling Fins
3. Thermo-electric Module
4. Base
5. Heat sensitive metal strip.
•
This is a safety device to protect
the motor from overheating if the
surface temperature exceeds
250
°C (482°F).
POSITIONING AND USE
1. Do not position the fan close to
the flue.
2. Do not use over 350
°C.
•
The optimum operating
temperatures stated are for
reference and guidance only.
They may vary in different
environments as fans have been
tested in controlled laboratory
conditions.
WARNING: THE OPTIMUM OPERATING TEMPERATURE IS 80-250°C (176-
482°F). NEVER USE AT OVER 350°C (662°F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com