Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM5350S Datasheet(PDF) 2 Page - Clarke International

Part # CSM5350S
Description  BOLTLESS SHELVING UNITS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSM5350S Datasheet(HTML) 2 Page - Clarke International

  CSM5350S Datasheet HTML 1Page - Clarke International CSM5350S Datasheet HTML 2Page - Clarke International CSM5350S Datasheet HTML 3Page - Clarke International CSM5350S Datasheet HTML 4Page - Clarke International CSM5350S Datasheet HTML 5Page - Clarke International CSM5350S Datasheet HTML 6Page - Clarke International CSM5350S Datasheet HTML 7Page - Clarke International CSM5350S Datasheet HTML 8Page - Clarke International CSM5350S Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Shelving Unit.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SCOPE
These instructions cover the following models
SPECIFICATIONS
Description
Model
Part Number
CSR5150 units
5-Shelf Boltless Shelving (Silver)
CSM5150S
6600800
5-Shelf Boltless Shelving (Red)
CSM5150RP
6600802
5-Shelf Boltless Shelving (Blue)
CSM5150BP
6600804
5-Shelf Boltless Shelving (Dark Grey)
CSM5150B
6600812
5-Shelf Boltless Shelving (Galvanized)
CSM5150G
6600816
CSR5350 units
5-Shelf Boltless Shelving (Silver)
CSM5350S
6600806
5-Shelf Boltless Shelving (Red)
CSM5350RP
6600808
5-Shelf Boltless Shelving (Blue)
CSM5350BP
6600810
5-Shelf Boltless Shelving (Dark Grey)
CSM5350B
6600814
5-Shelf Boltless Shelving (Galvanized)
CSM5350G
6600818
Model
Dimensions
(W x D x H)
Weight
(Empty)
Load per shelf
evenly distributed
All 5150 units
800 x 300 x 1500 mm
12.2 kg
150 kg
All 5350 units
900 x 400 x 1800 mm
18.1 kg
350 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com