Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWB2000D Datasheet(PDF) 2 Page - Clarke International

Part # CWB2000D
Description  ENGINEERS WORKBENCH WITH DRAWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CWB2000D Datasheet(HTML) 2 Page - Clarke International

  CWB2000D Datasheet HTML 1Page - Clarke International CWB2000D Datasheet HTML 2Page - Clarke International CWB2000D Datasheet HTML 3Page - Clarke International CWB2000D Datasheet HTML 4Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
SPECIFICATION
SAFETY PRECAUTIONS
ALWAYS seek assistance when lifting heavy items.
ALWAYS keep children and animals away from tools and work area.
ALWAYS keep work area clean and free from oil spills etc.
ALWAYS wear protective footwear when assembling the workbench.
ASSEMBLY
Thank you for purchasing this CLARKE product. Please read and follow the
instructions carefully. The kit comprises the workbench top, lower shelf, drawer,
drawer backstops with screws, and four legs with 16xM8 bolts with nuts and flat
washers for the legs.
Unpack your workbench and check to ensure that no damage was suffered
during transit. Should any damage be apparent, you should contact your
CLARKE dealer immediately.
The workbench is best assembled
with the use of an assistant.
1. Rest the workbench top upside
down on a soft, protective surface
and fit the draw backstops to the
base using the 4 x M6 screws,
washers and bolts.
•
USE WITH CD3WB 3-DRAWER UNIT
ONLY
CWB1500D
CWB2000D
Dimensions (w x d x h) mm
1500 x 650 x 978
2000 x 650 x 978
Weight
53 kg
65.8 kg
Maximum Load (table top)
300 kg
Maximum Load in Drawer
30 kg
Maximum Load (shelf)
80 kg
Maximum Load (CD3WB 3-drawer
unit sold separately)
90 kg



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com