Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBD-R2V1-D Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DBD-R2V1-D
Description  Dual Mode Bi-directional Dual Input Laser Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBD-R2V1-D Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DBD-R2V1-D Datasheet HTML 1Page - List of Unclassifed Manufacturers DBD-R2V1-D Datasheet HTML 2Page - List of Unclassifed Manufacturers DBD-R2V1-D Datasheet HTML 3Page - List of Unclassifed Manufacturers DBD-R2V1-D Datasheet HTML 4Page - List of Unclassifed Manufacturers DBD-R2V1-D Datasheet HTML 5Page - List of Unclassifed Manufacturers DBD-R2V1-D Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
550 E. W eddell D rive, Su ite 4 , Sunnyva le, CA 94089 , U. S. A . Tel.: (408 ) 747 -9760 , Fax : (408 ) 747 -9770 , W eb: www .analogtechnologies.com
© Copyright 2000 – 2003, Analog Technologies, Inc. All Rights Reserved.
5
DBD-R2V1
Analog Technologies, Inc.
Mechanical dimensions
Figure 2 Top View of DBD-R2V1-S
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LIO
CLGD
GND
LPI
LPS
LIS
LDC
GND
VPS
GND
SDI/MIND
CSLD
SD
2.5V
SCK
LDA
25.5mm
2.54mm
20mm
1.26mm
1.26mm
2.26mm
Figure 3 Bottom View of DBD-R2V1-S
18mm
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
4.5mm
Figure 4 End View of DBD-R2V1-S
4.5mm
0.42mm
Figure 5 End View of DBD-R2V1-D
18mm
3mm
4.5mm
0.6mm
Figure 6 Side View of DBD-R2V1-D
2.54mm
3mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com