Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-CS8PM2-24 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # GF-CS8PM2-24
Description  OSLON® SSL 80
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GF-CS8PM2-24 Datasheet(HTML) 5 Page - ams-OSRAM AG

  GF-CS8PM2-24 Datasheet HTML 1Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 2Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 3Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 4Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 5Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 6Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 7Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 8Page - ams-OSRAM AG GF-CS8PM2-24 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
GF CS8PM2.24
DATASHEET
DATASHEET
5 | Version 1.18 | 2023-01-06
Characteristics
I
F = 350 mA; TJ = 25 °C
Parameter
Symbol
Values
Peak Wavelength
λ
peak
typ.
730 nm
Centroid Wavelength 3)
I
F = 350 mA
λ
centroid
min.
typ.
max.
710 nm
727 nm
740 nm
Spectral Bandwidth at 50% I
rel,max
∆λ
typ.
30 nm
Viewing angle at 50% I
V
2φ
typ.
80 °
Forward Voltage 4)
I
F = 350 mA
V
F
min.
typ.
max.
1.60 V
1.85 V
2.30 V
Reverse voltage 2)
I
R = 20 mA
V
R
max.
1.2 V
Electrical thermal resistance junction/solderpoint
with efficiency η
e = 43 %
R
thJS elec.
typ.
3.5 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com