Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GF-DASPA2-24 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GF-DASPA2-24
Description  OSCONIQ® P 2226
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GF-DASPA2-24 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GF-DASPA2-24 Datasheet HTML 2Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 3Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 4Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 5Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 6Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 7Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 8Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 9Page - ams-OSRAM AG GF-DASPA2-24 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GF DASPA2.24
DATASHEET
DATASHEET
6 | Version 1.6 | 2022-09-29
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
I
F = 100 mA
I
F = 100 mA
min.
max.
Φ
E
Φ
E
PN
61 mW
66 mW
0.025
µmol/s
0.027
µmol/s
0.144
µmol/J
0.369
µmol/s
0.399
µmol/s
2.133
µmol/J
PO
66 mW
71 mW
0.027
µmol/s
0.029
µmol/s
0.156
µmol/J
0.399
µmol/s
0.430
µmol/s
2.303
µmol/J
QJ
71 mW
76 mW
0.029
µmol/s
0.031
µmol/s
0.167
µmol/J
0.430
µmol/s
0.460
µmol/s
2.472
µmol/J
Note: [1] Photosynthetic Photon Flux includes wavelengths between 400 and 700 nm
Note: [2] Plant Biologically-Active Photon Flux includes wavelengths between 280 and 800 nm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 100 mA
I
F = 100 mA
min.
max.
V
F
V
F
E
1.60 V
1.80 V
F
1.80 V
2.00 V
G
2.00 V
2.20 V
Centroid Wavelength
Group
Centroid Wavelength 3)
Centroid Wavelength 3)
I
F = 100 mA
I
F = 100 mA
min.
max.
λ
centroid
λ
centroid
1
710 nm
740 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com