Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GH-CSSRM3-24 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # GH-CSSRM3-24
Description  OSLON® Square
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GH-CSSRM3-24 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button GH-CSSRM3-24 Datasheet HTML 2Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 3Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 4Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 5Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 6Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 7Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 8Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 9Page - ams-OSRAM AG GH-CSSRM3-24 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
GH CSSRM3.24
DATASHEET
DATASHEET
6 | Version 1.7 | 2022-08-08
Brightness Groups
Group Total radiant
flux 1)
Total radiant
flux 1)
PPF *
PPF *
PPF/W *
PF **
PF **
PF/W **
I
F = 700 mA
I
F = 700 mA
min.
max.
min.
max.
typ.
min.
max.
typ.
Φ
E
Φ
E
Φ
p
Φ
p
Φ
p,b
Φ
p,b
V5
925 mW
960 mW
5.05
µmol/s
5.24
µmol/s
3.50
µmol/J
5.08
µmol/s
5.27
µmol/s
3.52
µmol/J
V6
960 mW
995 mW
5.24
µmol/s
5.44
µmol/s
3.63
µmol/J
5.27
µmol/s
5.46
µmol/s
3.65
µmol/J
V7
995 mW
1035 mW
5.44
µmol/s
5.65
µmol/s
3.77
µmol/J
5.46
µmol/s
5.68
µmol/s
3.79
µmol/J
Note: [1] Includes wavelengths between 400 and 700 nm
Note: [2] Includes wavelengths between 280 and 800 nm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 700 mA
I
F = 700 mA
min.
max.
V
F
V
F
E1
1.80 V
1.90 V
E2
1.90 V
2.00 V
F1
2.00 V
2.10 V
F2
2.10 V
2.20 V
G1
2.20 V
2.30 V
Wavelength Groups
● hyper red
Group
Centroid Wavelength 3)
Centroid Wavelength 3)
I
F = 700 mA
I
F = 700 mA
min.
max.
λ
centroid
λ
centroid
1
646 nm
666 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com