Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC5 LAB Datasheet(PDF) 4 Page - Wavelength Electronics, Inc.

Part # TC5 LAB
Description  Active Ring Resonators Using Mid-Infrared QCLs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC5 LAB Datasheet(HTML) 4 Page - Wavelength Electronics, Inc.

  TC5 LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC5 LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC5 LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC5 LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC5 LAB Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Study CS-LDTC14 Rev. A
Page 4
© 2024 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 4. a) Experimental transmission, below the
lasing threshold, of the ring resonator, showing four
consecutive resonances on the blue side of the pump
wave (P) generated by the ring QCL, into which we
inject signal light (S) to generate idler sidebands (I) by
four-wave mixing. b) Top graphs are the experimental
spectrograms of the ring QCL above the threshold under
external optical injection as the detuning of the signal
is swept across the ring resonance, shown for four
subsequent resonances, 4, 5, 6 and 7 FSRs to the blue of
the ring lasing frequency. Bottom graphs depict optical
spectra for the detuning of the signal wave when the
idler wave is the strongest.1
the lasing regime, it creates a strong single-frequency
unidirectional intracavity field.
Figure 4 shows the
transmission of the ring resonator when sweeping the
wavelength of the injected signal through four adjacent
resonances of the RT resonator. When tuning, an idler
sideband appears symmetrically on the red side of the
pump, showing parametric amplification via four-wave
mixing from coherent interaction of the pump and the signal
waves. As shown in the graphs, a signal and an idler photon
with frequencies of the four interacting waves are generated
from two pump photons.1
The last step was to generate frequency combs with the
ring QCLs as standalone lasers. Once the external probe
laser was removed, the ring QCLs can be characterized.
Previous techniques for mid-IR and THZ frequency comb
generators have revolved around Fabry-Perot (FP) QCLs
due to their compact nature and high power levels in the
10-100 mW range. However, with ring QCLs gaining
momentum, better stability, higher power efficiency, and
larger spectral coverage can be realized.1 Ring QCLs,
compared to FP QCLs, have had very limited output
power in the submilliwatt levels due to the low outcoupling
efficiency of the generated radiation. However, researchers
have solved this problem with RT QCLs with directional
couplers to enable the extraction of optical power above
10 mW at room temperature. This puts RT QCLs on the
same level as FP QCLs as seen in
Figure 5. The ring
resonator was also injected with regimes of bidirectional
and unidirectional lasing. Ultimately, the clockwise
direction leads to lasing at higher pumping levels. Once
the parametric gain is high enough, a frequency comb is
generated (
Figure 5c), proving the versatility of this mid-IR
ring resonator.
Figure 5. a) Output power from the front waveguide
facet of the ring QCL above the threshold as both RT and
WG currents are swept simultaneously. Both WG and RT
are operated under continuous wave electrical current
injection. b) Experimental intensities as function of the
injected current collected simultaneously from both WG
ports on two external detectors, showing the regimes of
bidirectional and unidirectional lasing. c) Experimental
spectrum of the self-starting frequency comb in a ring
QCL, when it operates in a unidirectional regime. PSD,
power spectral density. Inset shows a corresponding
RF spectrum of the intermode beat note. RBW is 750Hz,
sweep time is 1s.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com