Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC10 LAB Datasheet(PDF) 3 Page - Wavelength Electronics, Inc.

Part # TC10 LAB
Description  Ultra-Sensitive CO-LITES Detection at the Parts per Quadrillion Level
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAVELENGTH [Wavelength Electronics, Inc.]
Direct Link  https://www.teamwavelength.com/
Logo WAVELENGTH - Wavelength Electronics, Inc.

TC10 LAB Datasheet(HTML) 3 Page - Wavelength Electronics, Inc.

  TC10 LAB Datasheet HTML 1Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 2Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 3Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 4Page - Wavelength Electronics, Inc. TC10 LAB Datasheet HTML 5Page - Wavelength Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Case Study CS-LDTC16 Rev. A
Page 3
© 2025 • Sales & Technical Support: (406) 587-4910 • email: sales@teamWavelength.com • web: www.teamWavelength.com
Figure 3. Schematic diagram of QTF optimization.
Insert: real picture of different QTFs. QTF1: commercial
QTF with high f
0. QFT2: structurally optimized QTF with
low frequency and round head. QFT3: PDMS modified
low-frequency QTF with P-Q-G sandwich structure.
PDMS polydimethylsiloxane, a polymer material with low
Φ and high β.1
during vibration. The PDMS, with low effective thermal
conductivity and high thermal expansion coefficient,
effectively increases the local temperature and stress of
vibration which is a vast improvement from the commercial
QTF.1 With the polymer-coated QTF, f
0 was reduced by 70%
from ~32.8 kHz to ~ 9.5 kHz.
To verify that both the optimized MPC and QTF can be
used in LITES, an absorption line of CO was selected at
4587.64 nm as a target line for the experiment (
Figure 4).
A distributed feedback (DFB) quantum cascade laser (QCL)
with a center wavelength of 4.69 µm was used as the
Figure 4. Schematic diagram of CO-LITES sensor
based on intelligent algorithm optimized MPC with
double helix pattern and PDMS modified round-head QTF
with low
f
0. F-lens focusing lens, TIA transimpedance
amplifier, A1 and A2 two apertures used to determine the
incident angle of the laser beam.1
excitation source and temperature controlled at 35ºC. With
an input current of 301 mA, the output power of the laser
reached 145 mW and passed through apertures before
reaching the MPC with the double helix spot pattern.
Inside the MPC the laser is reflected 259 times before
exiting and being focused on the three QTFs with different
characteristics to test the sensor performances.
Wavelength modulation spectroscopy (WMS) was used to
suppress the background noise with ramp and sine waves
set to the resonant frequencies of the respective QTFs. The
noise of each QTF could be found using the relationship
between the second harmonic (2f) signal amplitude and
the current modulation depth and is used to determine the
total signal-to-noise ratio (SNR). With the determined SNR
values for each QTF, the minimum detection limit (MDL)
can be calculated: MDL = C/SNR, where C is the gas
concentration.
RESULTS
To fully test each QTF and the entire LITES system,
researchers first determined the noise for each QTF by
experimenting on 1 ppm CO in the optimized MPC. The
noise values were found to be 957 nV, 834 nV, and 852 nV
for QTF1, QTF2, and QTF3, respectively. Based on the 2f
signals, and the resulting noise levels, the SNRs for the
three QTFs were calculated to be 4106.58, 15215.83, and
43485.92, respectively. QTF2 and QTF3, the optimized
QTFs, achieved great improvement compared to the
commercial QTF1. The structurally optimized QTF2 had an
SNR over 3.71 times better, and the PDMS-modified QTF3
was 10.59 times higher than the commercial-grade QTF1.
The MDL was calculated to be 23 ppt for the CO-LITES
sensor based on QTF3. The relationship between CO
concentration and the 2f signal can be seen in
Figure 5.
Different concentrations of CO were tested, and the signals
of the CO-LITES sensor were directly proportional to the
respective concentrations. As shown in that figure, the
high R2 value of 0.99 for the linear fitting indicates the CO-
LITES had an excellent linear response to the ultra-low CO
concentration.1 By adjusting the average integration time
to 500 seconds, the MDL of the CO-LITES sensor was
improved to 920.7 ppq.
For this novel CO-LITES sensor, the mid-infrared QCL
was utilized with an AFSA optimized three-mirror MPC with
a double helix to significantly improve the absorption of
CO in a relatively compact design. By optimizing the QTF
by PDMS, researchers were able to achieve the highest
detection sensitivity reported in LITES sensors.1 Other
real-world applications tested include CO concentration
on the campus of Harbin Institute of Technology and CO
concentration of human breath.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com