Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPCDP500 Datasheet(PDF) 2 Page - Clarke International

Part # CPCDP500
Description  DE-WATERING PUMP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CPCDP500 Datasheet(HTML) 2 Page - Clarke International

  CPCDP500 Datasheet HTML 1Page - Clarke International CPCDP500 Datasheet HTML 2Page - Clarke International CPCDP500 Datasheet HTML 3Page - Clarke International CPCDP500 Datasheet HTML 4Page - Clarke International CPCDP500 Datasheet HTML 5Page - Clarke International CPCDP500 Datasheet HTML 6Page - Clarke International CPCDP500 Datasheet HTML 7Page - Clarke International CPCDP500 Datasheet HTML 8Page - Clarke International CPCDP500 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE submersible pump.
The CLARKE range of submersible pumps are suitable for discharging pools,
ponds, fountains, pits and any waste water drainage. They can handle foul
water containing suspended material as stated in the specification. The
pumps are not suitable for handling inflammable, corrosive, explosive or
dangerous liquids. The pump is water-cooled and does not contain any oil.
The ‘Pump Performance Curve’ graph shown, displays the characteristics
graphically and describes the relation between the flow-rate and the head
for the pump.
Before attempting to use this product, it is essential that you read this manual
thoroughly and carefully follow all instructions given. In doing so you will ensure
the safety of yourself and that of others around you, and you can also look
forward to the product giving you long and satisfactory service.
SPECIFICATIONS
Voltage
230V~50Hz
Ingress protection
IP68
Outlet Thread Diameter
2“BSP
Rated Power Output
500 W
Maximum Head Height
12 m
Maximum Depth
8 m
Maximum Flow
240 l/min
Maximum Operating Temperature
40oC
Maximum Particle Size in Suspension
7 mm
Weight
13 kg
Cable Length
10 m
Dimensions (D x W x H)
250 x 175 x 365 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com