Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSV2A Datasheet(PDF) 2 Page - Clarke International

Part # CSV2A
Description  SUBMERSIBLE WATER PUMP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSV2A Datasheet(HTML) 2 Page - Clarke International

  CSV2A Datasheet HTML 1Page - Clarke International CSV2A Datasheet HTML 2Page - Clarke International CSV2A Datasheet HTML 3Page - Clarke International CSV2A Datasheet HTML 4Page - Clarke International CSV2A Datasheet HTML 5Page - Clarke International CSV2A Datasheet HTML 6Page - Clarke International CSV2A Datasheet HTML 7Page - Clarke International CSV2A Datasheet HTML 8Page - Clarke International CSV2A Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE Submersible Water Pump.
This pump is designed for pumping clean water or water containing solids in
suspension. It is not designed for pumping slurry, sludge, mud or heavily
polluted water, or any water containing chemicals or other acidic
contaminants including salt water.
These pumps have the ability to pump solids as large as 30mm, however, the
outlet elbow and delivery pipe diameter will restrict this.
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended.
Faulty goods should be returned to their place of purchase, no product can
be returned to us without prior permission.
This guarantee does not effect your statutory rights.
SPECIFICATIONS
SPECIFICATIONS
CSV1A
CSV2A
Outlet Diameter
1½”/38mm
1½”/38mm
Motor Output (Watts)
330
620
Head Max (m)
5
8
Max. Capacity (L/min)
118
200
Weight
3.7
5.2
Cable (m x mm2)
10 x 1.5
10 x 1.5
Dimensions (mm) not including the elbow
140 x 300
140 x 300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com