Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP105 Datasheet(PDF) 4 Page - Clarke International

Part # PSP105
Description  250W PUDDLE PUMP WITH AUTO SENSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PSP105 Datasheet(HTML) 4 Page - Clarke International

  PSP105 Datasheet HTML 1Page - Clarke International PSP105 Datasheet HTML 2Page - Clarke International PSP105 Datasheet HTML 3Page - Clarke International PSP105 Datasheet HTML 4Page - Clarke International PSP105 Datasheet HTML 5Page - Clarke International PSP105 Datasheet HTML 6Page - Clarke International PSP105 Datasheet HTML 7Page - Clarke International PSP105 Datasheet HTML 8Page - Clarke International PSP105 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
ELECTRICAL CONNECTIONS
Connect the mains lead to a standard, 230 Volt (50Hz) electrical supply
through an approved 13 amp BS 1363 plug, or a suitably fused isolator switch.
If the plug has to be changed because it is not suitable for your socket, or
because of damage, it must be removed and a replacement fitted, following
the wiring instructions shown below. The old plug must be discarded safely, as
insertion into a power socket could cause an electrical hazard
.
If the colours of the wires in the power cable do not agree with the markings
on the plug.
• The BLUE wire must be
connected to the
terminal marked N or
coloured black.
• The BROWN wire must
be connected to the
terminal marked L or
coloured red.
• The YELLOW AND
GREEN wire must be
connected to the
terminal marked E or
or coloured green.
AN APPROVED RESIDUAL CURRENT DEVICE (RCD) WHICH HAS A TRIPPING
CURRENT OF LESS THAN 30 mA MUST BE USED.
If you are not sure, consult a qualified electrician. DO NOT try to do any
repairs.
WARNING: READ THESE ELECTRICAL SAFETY INSTRUCTIONS
THOROUGHLY BEFORE CONNECTING THE PRODUCT TO THE MAINS
SUPPLY.
WARNING: THE WIRES IN THE POWER CABLE OF THIS PRODUCT ARE
COLOURED IN ACCORDANCE WITH THE FOLLOWING CODE:
BLUE = NEUTRAL
BROWN = LIVE
YELLOW AND GREEN = EARTH
Plug must be BS1363/A approved.
Always fit
Ensure that the outer sheath of
Neutral
(Blue)
Live
(Brown)
Earth
(Green and
a 5 Amp
the cable is firmly held by the clamp
fuse.
Yellow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com